Electronic Components Datasheet Search
  English  ▼

X  

THS3217 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3217 Datasheet HTML 9Page - Texas Instruments THS3217 Datasheet HTML 10Page - Texas Instruments THS3217 Datasheet HTML 11Page - Texas Instruments THS3217 Datasheet HTML 12Page - Texas Instruments THS3217 Datasheet HTML 13Page - Texas Instruments THS3217 Datasheet HTML 14Page - Texas Instruments THS3217 Datasheet HTML 15Page - Texas Instruments THS3217 Datasheet HTML 16Page - Texas Instruments THS3217 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Frequency (Hz)
25
30
35
40
45
50
55
60
1M
10M
100M
D017
VCM = -1 V
VCM = 0 V
VCM = 0.25 V
VCM = 1 V
VCM = 2 V
VCM = 3 V
Frequency (Hz)
1
10
100
100
1k
10k
100k
1M
10M
100M
D018
RS = 0 :
RS = 25 :
RS = 100 :
RS = 1 k:
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
1M
10M
100M
D015
1 VPP
2 VPP
4 VPP
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
1M
10M
100M
D016
1 VPP
2 VPP
4 VPP
Frequency (Hz)
-2
-1
0
1
2
3
4
5
6
7
1M
10M
100M
1G
D013
VCM = -1 V
VCM = 0 V
VCM = 0.25 V
VCM = 1 V
VCM = 2 V
VCM = 3 V
Frequency (Hz)
-2
-1
0
1
2
3
4
5
6
7
1M
10M
100M
1G
D014
500 :
200 :
100 :
50 :
13
THS3217
www.ti.com
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.10 Typical Characteristics: D2S Only
at +VCC = 6.0 V, –VCC = –6.0 V, fixed gain of 2 V/V, 25-Ω D2S source impedance, VIC = 0.25 V, external path selected
(PATHSEL = +VCC), VREF = GND, and D2S RLOAD = 100 Ω at pin 6 (unless otherwise noted)
VOUT = 250 mVPP
Figure 13. Frequency Response vs Input Common-Mode
Voltage
VOUT = 2 VPP
Figure 14. Frequency Response vs Load Resistance
RLOAD = 200 Ω
Figure 15. HD2 vs Output Voltage
RLOAD = 200 Ω
Figure 16. HD3 vs Output Voltage
Figure 17. Common-Mode Rejection Ratio vs Input
Common-Mode Voltage
Figure 18. Differential Input Noise vs Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com