Electronic Components Datasheet Search
  English  ▼

X  

WM8739 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8739
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8739 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
12
12.5K
VMID
LINEIN
To
ADC
Figure 8 Line Input Schematic
LINE INPUT SCHEMATIC
The gain between the line inputs and the ADC is logarithmically adjustable from +12dB to –34.5dB in
1.5dB steps under software control. The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any
voltage greater than full scale will possibly overload the ADC and cause distortion. Note that the full
scale input tracks directly with AVDD. The gain is independently adjustable on both Right and Left
Line Inputs. However, by setting the INBOTH bit whilst programming the volume control, both
channels are simultaneously updated. Use of INBOTH reduces the required number of software
writes required. The line inputs can be muted in the analogue domain under software control. The
software control registers are shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LINVOL[0:4]
10111
( 0dB )
Left Channel Line Input Volume Control
11111 = +12dB
. . 1.5dB steps down to
00000 = -34.5dB
7
LINMUTE
1
Left Channel Line Input Mute
1 = Enable Mute
0 = Disable Mute
0000000
Left Line In
8
LRINBOTH
0
Left to Right Channel Line Input Volume
and Mute Data Load Control
1 = Enable Simultaneous Load of
LINVOL[0:4] and LINMUTE to
RINVOL[0:4] and RINMUTE
0 = Disable Simultaneous Load
4:0
RINVOL[0:4]
10111
( 0dB )
Right Channel Line Input Volume Control
11111 = +12dB
. . 1.5dB steps down to
00000 = -34.5dB
7
RINMUTE
1
Left Channel Line Input Mute
1 = Enable Mute
0 = Disable Mute
0000001
Right Line In
8
RLINBOTH
0
Right to Left Channel Line Input Volume
and Mute Data Load Control
1 = Enable Simultaneous Load of
RINVOL[0:4] and RINMUTE to
LINVOL[0:4] and LINMUTE
0 = Disable Simultaneous Load
Table 2 Line Input Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com