Electronic Components Datasheet Search
  English  ▼

X  

WM8739 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8739
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8739 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
13
The line inputs are biased internally through the operational amplifier to VMID. Whenever the line
inputs are muted or the device placed into standby mode, the line inputs are kept biased to VMID
using special anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when
re-activating the inputs.
The external components required to complete the line input application are shown in the Figure 9.
AGND
AGND
R1
R2
C1
C2
AGND
LINEIN
Figure 9 Line Input Application Drawing
For interfacing to a typical CD system, it is recommended that the input is scaled to ensure that there
is no clipping at the input. R1 = 5K, R2= 5K, C1=47pF, C2=470nF (10V ceramic type).
R1 and R2 form a resistive divider to attenuate the 2 Vrms output from a CD player to a 1 Vrms level,
so avoiding overloading the inputs. R2 also provides a discharge path for C2, thus preventing the
input to C2 charging to an excessive voltage which may otherwise damage any equipment connected
that is not suitably protected against high voltages. C1 forms an RF low pass filter for increasing the
rejection of RF interference picked up on any cables. C2 forms a DC blocking capacitor to remove
the DC path between the WM8739 and the driving audio equipment. C2 together with the input
impedance of the WM8739 form a high pass filter.
ADC
The WM8739 uses a multi-bit
oversampled sigma-delta ADC. A single channel of the ADC is
illustrated in the Figure 10.
ANALOG
INTEGRATOR
FROM LINE
INPUT
MULTI
BITS
TO ADC DIGITAL FILTERS
Figure 10 Multi-Bit Oversampling Sigma Delta ADC Schematic
The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high
frequency noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com