Electronic Components Datasheet Search
  English  ▼

X  

WM8739 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8739
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8739 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
21
Example scenarios are:
1.
with a requirement that the ADC data rate is 8kHz, then choosing MCLK = 12.288MHz the
device is programmed with BOSR = 0 (256fs), SR3 = 0, SR2 = 0, SR1 = 1, SR0 = 0.The ADC
output data rate will then be exactly 8kHz (derived from 12.288MHz/256 x1/6)
2.
with a requirement that ADC data rate is 8kHz, then choosing MCLK = 16.9344MHz the device
is programmed with BOSR = 1 (384fs), SR3 = 1, SR2 = 0, SR1 = 0, SR0 = 1. The ADC will no
longer output data at exactly 8.000KHz, instead it will be 8.018kHz (derived from
16.9344MHz/384 x 2/11). A slight (sub 0.5%) pitch shift will therefore result in the 8kHz audio
data and (importantly) the user must ensure that the data across the digital interface is correctly
synchronised at the 8.018kHz rate.
The exact sample rates achieved are defined by the relationships in Table 9.
ACTUAL SAMPLING RATE
BOSR=0
(256fs)
BOSR=1
(384fs)
TARGET
SAMPLING
RATE
MCLK=12.288
MCLK=11.2896
MCLK=18.432
MCLK=16.9344
kHz
kHz
kHz
kHz
kHz
8
8.018
8
8.018
8
12.288MHz/256 x 1/6
11.2896MHz/256 x 2/11
18.432MHz/384 x 1/6
16.9344MHz/384 x 2/11
32
32
32
12.288MHz/256 x 2/3
not available
18.432MHz/384x 2/3
not available
44.1
44.1
44.1
not available
11.2896MHz/256
not available
16.9344MHz /384
48
48
48
12.288MHz/256
not available
18.432MHz/384
not available
88.2
88.2
88.2
not available
11.2896MHz/384 x 2
not available
16.9344MHz /384 x 2
96
96
96
12.288MHz/256 x 2
not available
18.432MHz/384 x 2
not available
Table 9 Normal Mode Actual Sample Rates
128/192fs NORMAL MODE
The Normal Mode sample rates are designed for standard 256fs and 384fs MCLK rates. However the
WM8739 is also capable of being clocked from a 128/192fs MCLK for application over limited
sampling rates as shown in the table below.
SAMPLING
RATE
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
6.144
0
0
1
1
1
48
9.216
1
0
1
1
1
2
5.6448
0
1
1
1
1
44.1
8.4672
1
1
1
1
1
2
Table 10 128/192fs Normal Mode Sample Rate Look-up Table
512/768fs NORMAL MODE
512fs and 768fs MCLK rates can be accommodated by using the CLKIDIV2 bit. The core clock to
the DSP will be divided by 2 so an external 512/768 MCLK will become 256/384fs internally and the
device otherwise operates as in Table 8 but with MCLK at twice the specified rate. See Table 4 for
software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com