Electronic Components Datasheet Search
  English  ▼

X  

WM8739 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8739
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8739 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during handling
and storage of this device.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+3.63V
Analogue supply voltage
-0.3V
+3.63
Voltage range digital inputs
DGND -0.3V
DVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Master Clock Frequency
18.432MHz
Operating temperature range, TA
-10
°C+70°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Package body temperature (soldering 10 seconds)
+240
°C
Package body temperature (soldering 2 minutes)
+183
°C
Notes
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
The digital supply core voltage must always be less than or equal to the analogue supply voltage or digital supply buffer
voltage.
3.
The digital supply buffer voltage must always be less than or equal to the analogue supply voltage.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.42
3.3
3.6
V
Digital supply range (Buffer)
DBVDD
2.7
3.3
3.6
V
WM8739
2.7
3.3
3.6
V
Analogue supply range
AVDD
WM8739L
1.8
3.3
3.6
V
Ground
DGND,AGND
0
V
Standby Current Consumption
5uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com