Electronic Components Datasheet Search
  English  ▼

X  

WM8739 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8739
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8739 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8739 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
3
PIN CONFIGURATION (QFN)
ORDERING INFORMATION (QFN)
DEVICE
AVDD RANGE
PACKAGE
XWM8739EFL
2.7 to 3.6V
XWM8739LEFL
1.8 to 3.6V
28-pin QFN
(5x5x0.9 mm)
NC
NC
NC
ADCLRC
ADCDAT
DNC
DNC
28
27
26
25
24
23
22
NC
RLINEIN
LLINEIN
MODE
CSB
SDIN
SCLK
1
234
5
6
7
8
10
9
11
14
13
12
21 20
19
18
17
16 15
PIN DESCRIPTION (QFN PACKAGE)
PIN
NAME
TYPE
DESCRIPTION
1
XTI/MCLK
Digital Input
Crystal Input or Master Clock Input (MCLK)
2
XTO
Digital Output
Crystal Output
3
DCVDD
Supply
Digital Core VDD
4
DGND
Ground
Digital GND
5
DBVDD
Supply
Digital Buffers VDD
6NC
No Internal Connection
7
BCLK
Digital Input/Output
Digital Audio Port Clock
8, 9
DNC
Test pin
Do not connect (leave this pin floating)
10
ADCDAT
Digital Output
ADC Digital Audio Data Output
11
ADCLRC
Digital Input/Output
ADC Sample Rate Clock
12 - 17
NC
No Internal Connection
18
AVDD
Supply
Analogue VDD
19
AGND
Ground
Analogue GND
20
VMID
Analogue Output
Mid-rail reference decoupling point
21, 22
NC
No Internal Connection
23
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
24
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
25
MODE
Digital Input
Control Interface Selection, Pull up (on power up only)
26
CSB
Digital Input
3-Wire MPU Chip Select/ 2-Wire MPU interface address selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com