Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Datasheet(HTML) 3 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
IN
6
EN
5
N/C
4
1
OUT
2
GND
3
N/C
TOP VIEW
BOTTOM VIEW
3
N/C
2
GND
1
OUT
IN
6
EN
5
N/C
4
(Thermal DAP)
Thermal DAP
4
N/C
5
OUT
EN
3
GND
2
IN
1
EN
A2
IN
B2
EN
A2
IN
B2
A1
GND
B1
OUT
A1
GND
B1
OUT
TOP VIEW
BOTTOM VIEW
LP3990
www.ti.com
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
5 Pin Configuration and Functions
4 Pins
5 Pins
DSBGA (YZR)
SOT-23 (DBV)
WSON (NGG)
6 Pins
Pin Functions
PIN
DSBGA
SOT-23
WSON
I/O
DESCRIPTION
NAME
YZR
DBV
NGG
GND
A1
2
2
—
Common Ground.
EN
A2
3
5
Enable Input; Enables the Regulator when
≥ 0.95 V.
I
Disables the Regulator when
≤ 0.4 V.
Enable Input has 1-M
Ω (typical) pull-down resistor to GND.
OUT
B1
5
1
Voltage output. A 1-µF Low ESR Capacitor should be connected to this Pin.
O
Connect this output to the load circuit.
IN
B2
1
6
I
Voltage supply Input. A 1-µF capacitor should be connected at this input.
4
3
I
No internal connection.
N/C
N/A
4
I
No internal connection.
N/A
N/C
Pad
—
Thermal pad. Connect to Pin 2.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com