Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1 V or VIN = 2 V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =
0.47 µF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE CONTROL CHARACTERISTICS
VEN = 0 V (Output is disabled)
0.001
0.1
Maximum input current
TJ = 25°C
IEN
(8)
µA
at EN pin
VEN = 6 V
2.5
6
10
VIN = 2 V to 6 V
VIL
Low input threshold
VEN falling from ≥ VIH until the output is
0.4
disabled
V
VIN = 2 V to 6 V
VIH
High input threshold
VEN rising from ≤ VIL until the output is
0.95
enabled
(8)
ENABLE Pin has 1-M
Ω (typical) resistor connected to GND.
6.6 Output Capacitor, Recommended Specifications
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitance(2)
0.7(3)
1
500
µF
COUT
Output capacitance
ESR
5
m
Ω
(1)
Unless otherwise specified, values and limits apply for TJ = 25°C.
(2)
The full operating conditions for the application should be considered when selecting a suitable capacitor to ensure that the minimum
value of capacitance is always met. Recommended capacitor type is X7R. However, dependent on application, X5R, Y5V, and Z5U can
also be used. (See Detailed Design Procedure.)
(3)
Limit applies over the full operating junction temperature range (TJ) of −40°C to 125°C.
6.7 Timing Requirements
MIN
NOM(1)
MAX(2)
UNIT
VOUT = 0.8 V
80
150
From VEN ↑ VIH to
TON
Turnon time (3)
VOUT 95% level
VOUT = 1.5 V
105
200
µs
(VIN(MIN) to 6 V)
VOUT = 3.3 V
175
250
Line transient response
Trise = Tfall = 30 µs
(3),
mV (pk-
8
16
(
ΔVOUT)
ΔVIN = 600 mV
pk)
Transient
Trise = Tfall = 1 µs
(3),
response
Load transient response
IOUT = 1 mA to 150 mA
55
100
mV
(
ΔVOUT)
COUT = 1 µF
(1)
Nom values apply for TJ = 25°C.
(2)
Maximum limits apply over the full operating junction temperature (TJ) range of −40°C to 125°C.
(3)
This electrical specification is verified by design.
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com