Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Datasheet(HTML) 5 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LP3990
www.ti.com
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
6.5 Electrical Characteristics
(1) (2)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1 V or VIN = 2 V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =
0.47 µF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
Note (3), TJ = 25°C
2
6
V
DSBGA
–1
1%
ILOAD = 1 mA
WQFN
–1.5%
1.5%
TJ = 25°C
SOT-23
–1.5%
1.5%
Output voltage tolerance
DSBGA
–2.5%
2.5%
Over full line and load
WQFN
–3%
3%
regulation
SOT-23
–4%
4%
Line regulation error
VIN = (VOUT(NOM) + 1 V) to 6 V
0.1
0.02
0.1
%/V
VOUT = 0.8 V to 1.95
ΔVOUT
V
–0.005
0.002
0.005
DSBGA
VOUT = 0.8 V to 1.95
V
–0.008
0.003
0.008
IOUT = 1 mA
Load regulation error
%/mA
WQFN, SOT-23
to 150 mA
VOUT = 2 V to 3.3 V
–0.002
0.0005
0.002
DSBGA
VOUT = 2 V to 3.3 V
–0.005
0.002
0.005
WQFN, SOT-23
VDO
Dropout voltage
IOUT = 150 mA
(4) (5)
120
200
mV
ILOAD
Load current
Note (5)(6), TJ = 25°C
0
µA
VEN = 950 mV, IOUT = 0 mA
43
80
IQ
Quiescent current
VEN = 950 mV, IOUT = 150 mA
65
120
µA
VEN = 0.4 V (output disabled), TJ = 25°C
0.002
0.2
ISC
Short circuit current limit
Note (7)
550
1000
mA
IOUT
Maximum output current
150
ƒ = 1 kHz, IOUT = 1 mA to 150 mA
55
Power Supply Rejection
PSRR
dB
Ratio
ƒ = 10 kHz, IOUT = 150 mA
35
VOUT = 0.8 V
60
BW = 10 Hz to 100
eη
Output noise voltage(5)
VOUT = 1.5 V
125
µVRMS
kHz
VOUT = 3.3 V
180
Junction temperature (TJ) rising until the
155
Thermal shutdown
output is disabled
TSHUTDOWN
°C
junction temperature
Hysteresis
15
(1)
All voltages are with respect to the device GND terminal, unless otherwise stated.
(2)
Minimum and Maximum limits are ensured through test, design, or statistical correlation over the operating junction temperature range
(TJ) of –40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
(3)
VIN(MIN) = VOUT(NOM) + 0.5 V, or 2 V, whichever is higher.
(4)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter applies only for output voltages above 2 V.
(5)
This electrical specification is verified by design.
(6)
The device maintains the regulated output voltage without the load.
(7)
Short-circuit current is measured with VOUT pulled to 0 V and VIN worst case = 6 V.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com