Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Datasheet(HTML) 4 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage
–0.3
6.5
Output voltage
–0.3
Note(4)
V
ENABLE input voltage
–0.3
6.5
Continuous power dissipation internally limited
Note(5)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pin.
(4)
The lower of VIN + 0.3 V or 6.5 V.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
pins(1)
V(ESD) Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-
V
250
1500
C101, all pins
Machine model
–200
200
(1)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage, VIN
2
6
V
Enable input voltage, VEN
0.0
VIN
Junction temperature, TJ
(1)
–40
125
°C
(1)
TJ(max) = (TA(max) + (RθJA × PD(max)) )
6.4 Thermal Information
LP3990
THERMAL METRIC(1)
YZR (DSBGA) DBV (SOT-23)
NGG (WSON)
UNIT
4 PINS
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
188.9
165.2
53.9
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
69.9
51.2
RθJB
Junction-to-board thermal resistance
105.3
27.3
28.2
°C/W
ψJT
Junction-to-top characterization parameter
0.7
1.8
0.6
ψJB
Junction-to-board characterization parameter
105.2
26.8
28.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
8.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com