Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Datasheet(HTML) 1 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
EN
IN
OUT
GND
VIN
VEN
GND
VOUT
LP3990
COUT
1 µF
CIN
1 µF
OFF
ON
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
LP3990 150-mA Linear Voltage Regulator for Digital Applications
1 Features
3 Description
The LP3990 regulator is designed to meet the
1
•
1% Voltage Accuracy at Room Temperature
requirements of portable, battery-powered systems
•
Stable with Ceramic Capacitor
providing an accurate output voltage, low-noise, and
•
Logic Controlled Enable
low-quiescent current. The LP3990 will provide a 0.8-
V output from the low input voltage of 2 V at up to a
•
No Noise Bypass Capacitor Required
150-mA load current. When switched into shutdown
•
Thermal-Overload and Short-Circuit Protection
mode via a logic signal at the enable pin (EN), the
•
Input Voltage Range, 2 V to 6 V
power consumption is reduced to virtually zero.
•
Output Voltage Range, 0.8 V to 3.3 V
The LP3990 is designed to be stable with space-
•
Output Current, 150 mA
saving ceramic capacitors with values as low as 1 µF.
•
Output Stable - Capacitors, 1 µF
Performance is specified for a –40°C to 125°C
•
Virtually Zero IQ (Disabled), < 10 nA
junction temperature range.
•
Very Low IQ (Enabled), 43 µA
For output voltages other than 0.8 V, 1.2 V, 1.35 V,
•
Low Output Noise, 150 µVRMS
1.5 V, 1.8 V, 2.5 V, 2.8 V, or 3.3 V, please contact
the Texas Instruments sales office.
•
PSRR, 55 dB at 1 kHz
•
Fast Start-Up, 105 µs
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
DSBGA (4)
1.324 mm x 1.045 mm (MAX)
•
Cellular Handsets
LP3990
WSON (6)
2.90 mm x 1.60 mm
•
Hand-Held Information Appliances
SOT-23 (5)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI2-LP3990 Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
LP3990 TI2-LP3990 Datasheet
420Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
REVISED DECEMBER 2015
More results

Similar Description - LP3990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
150 mA LDO Regulator for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com