Electronic Components Datasheet Search
  English  ▼

X  

LP5550 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 18Page - Texas Instruments LP5550 Datasheet HTML 19Page - Texas Instruments LP5550 Datasheet HTML 20Page - Texas Instruments LP5550 Datasheet HTML 21Page - Texas Instruments LP5550 Datasheet HTML 22Page - Texas Instruments LP5550 Datasheet HTML 23Page - Texas Instruments LP5550 Datasheet HTML 24Page - Texas Instruments LP5550 Datasheet HTML 25Page - Texas Instruments LP5550 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1
FS x 8 x COUT
)
VPP = ILPP (RESR +
PD_CIN = I
2
RMS_CIN x RESR_CIN (W)
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
The power dissipated in the input capacitor is given by:
(6)
The input capacitor must be rated to handle both the RMS current and the dissipated power. A 10 µF ceramic
capacitor is recommended for the LP5550.
OUTPUT CAPACITOR
The switching converter in the LP5550 is designed to be used with a 10uF ceramic output capacitor. The
dielectric should be X5R, X7R, or comparable material to maintain proper tolerances. The output capacitor of the
switching converter absorbs the AC ripple current from the inductor and provides the initial response to a load
transient. The ripple voltage at the output of the converter is the product of the ripple current flowing through the
output capacitor and the impedance of the capacitor. The impedance of the capacitor can be dominated by
capacitive, resistive, or inductive elements within the capacitor, depending on the frequency of the ripple current.
Ceramic capacitors are predominately used in portable systems and have very low ESR and remain capacitive
up to high frequencies.
The switcher peak - to - peak output voltage ripple in steady state can be calculated as:
(7)
LDO INFORMATION
The LDOs included in the LP5550 provide static supply voltages for various functions in the processor. Use the
following sections to determine loading and external components.
LDO LOADING CAPABILITY
The LDOs in the LP5550 can regulate to a variety of output voltages, depending on the need of the processor.
These voltages can be programmed through the PWI. Table 2 summarizes the parameters of the LP5550 LDOs.
Table 2. LDO Parameters
Recommended
Output Voltage
Dropout Voltage
PWI Register
Maximum Output
Typical Load
Range
(typical)
Current
LDO1
R8
0.6 V – 2.2 V
100 mA
200 mV
PLL
LDO2
R7
1.5 V – 3.3 V
250 mA
150 mV
I/O
LDO3
R2
VOSW + 0.05 V
(1)
50 mA
200 mV
Memory/Memory
retention
0.7 V – 1.35 V(2)
(1)
LDO3 tracks the switching converter output voltage (VOSW) plus a 50 mV offset when the LP5550 is in active state.
(2)
LDO3 regulates at the set memory retention voltage when the LP5550 is in shutdown state.
LDO OUTPUT CAPACITOR
The output capacitor sets a low frequency pole and a high frequency zero in the control loop of an LDO. The
capacitance and the equivalent series resistance (ESR) of the capacitor must be within a specified range to meet
stability requirements. The LDOs in the LP5550 are designed to be used with ceramic output capacitors. The
dielectric should be X5R, X7R, or comparable material to maintain proper tolerances. Use the following table to
choose a suitable output capacitor:
Table 3. Output Capacitor Selection Guide
Output Capacitance Range
ESR range
(Recommended Typical Value)
LDO1
1 µF – 20 µF (2.2 µF)
5 mohm – 500 mohm
LDO2
2 µF – 20 µF (4.7 µF)
5 mohm – 500 mohm
LDO3
0.7 µF – 2.2 µF (1.0 µF)
5 mohm– 500 mohm
22
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com