Electronic Components Datasheet Search
  English  ▼

X  

LP5550 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 12Page - Texas Instruments LP5550 Datasheet HTML 13Page - Texas Instruments LP5550 Datasheet HTML 14Page - Texas Instruments LP5550 Datasheet HTML 15Page - Texas Instruments LP5550 Datasheet HTML 16Page - Texas Instruments LP5550 Datasheet HTML 17Page - Texas Instruments LP5550 Datasheet HTML 18Page - Texas Instruments LP5550 Datasheet HTML 19Page - Texas Instruments LP5550 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
R8 - VO1 Voltage Register (PLL/Fixed Voltage)
Address 0x8
Type R/W
Reset Default 8h’28
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ’0’. Any data written into this bit
position using the Register Write command is ignored.
6:3
Voltage
Fixed voltage value. A code of all ones indicates maximum voltage while a code of all zero
indicates minimum voltage. Default value is in bold.
Voltage Data Code [6:3]
Voltage Value (volts)
4h’0
0.7
4h’1
0.8
4h’2
0.9
4h’3
1
4h’4
1.1
4h’5
1.2 (default)
4h’6
1.3
4h’7
1.4
4h’8
1.5
4h’9
1.6
4h’A
1.7
4h’B
1.8
4h’C
1.9
4h’D
2
4h’E
2.1
4h’F
2.2
2:0
Unused
These bits are fixed to ‘0’. Reading these bits will result in a 3b’000. Any data written into
these bits using the Register Write command is ignored.
R9 - PFM/PWM Force Register
Address 0x9
Type R/W
Reset Default 8h’00
Bit
Field Name
Description or Comment
7:6
PFM/PWM Force
User Register
PFM Force (bit 7)
PWM Force (bit 6)
Automatic Transition
0
0
Automatic Transition
1
1
Forced PFM Mode
1
0
Forced PWM Mode
0
1
5:0
Unused
These bits are fixed to ‘0’. Reading these bits will result in a ‘000000’. Any data written into
these bits using the Register Write command is ignored.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com