Electronic Components Datasheet Search
  English  ▼

X  

LP5550 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 5 Page - Texas Instruments

  LP5550 Datasheet HTML 1Page - Texas Instruments LP5550 Datasheet HTML 2Page - Texas Instruments LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
LDO1 (PLL/Fixed Voltage) Characteristics (continued)
Unless otherwise noted, VBAT1,2,SW, RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for TJ
= 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to +125°C
(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ΔVOUT
3.0V
≤ VBAT1,2,SW ≤ 5.5V,
Line Regulation
-0.125
0.125
%/V
IOUT = 50mA
Load Regulation
VIN = 3.6V, 1mA ≤ IOUT ≤ 100mA
-0.0085
0.0085
%/mA
Line Transient Regulation
3.6V
≤ VIN ≤ 3.9V, TRISE,FALL = 10 µs
27
mV
VIN = 3.6V, 10mA ≤ IOUT ≤ 90 mA,
Load Transient Regulation
86
mV
TRISE,FALL = 100 ns
eN
Output Noise Voltage
10Hz
≤ f ≤ 100kHz, COUT = 2.2µF
0.103
mVRMS
PSRR
f = 1kHz, COUT = 2.2µF
56
dB
Power Supply Ripple Rejection
Ratio
f = 10kHz, COUT = 2.2µF
36
dB
COUT
0µA
≤ IOUT ≤ 100mA
1
2.2
20
µF
Output Capacitance
Output Capacitor ESR
5
500
m
Ω
tSTART-UP
Start-Up Time from Shut-down
COUT = 1µF, IOUT = 100mA
54
µs
LDO2 (I/O Voltage) Characteristics
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT Accuracy
1mA
≤ IOUT ≤ 250mA, VOUT = 2.5V,
Output Voltage Accuracy
-3%
2.5
3%
V
VOUT +0.4V ≤ VBAT1,2,SW ≤ 5.5V
VOUT Range
Programmable Output Voltage
0µA
≤ IOUT ≤ 250mA, 1.5-2.3V =100mV
1.5
3.3
3.3
V
Range
step, 2.5V, 2.8V, 3.0V and 3.3V
IOUT
Recommended Output Current
VOUT +0.4V ≤ VBAT1,2,SW ≤ 5.5V
250
mA
Output Current Limit
VOUT = 0V
740
Dropout Voltage(4)
IOUT = 125mA
70
260
mV
IQ
Quiescent Current
IOUT = 0mA
(5)
55
60
µA
ΔVOUT
VOUT +0.4V ≤ VBAT1,2,SW ≤ 5.5V,
Line Regulation
-0.125
0.125
%/V
IOUT = 125mA
Load Regulation
VIN = 3.6V, 1mA ≤ IOUT ≤ 250mA
-0.011
0.011
%/mA
Line Transient Regulation
3.6V
≤ VIN ≤ 3.9V, TRISE,FALL = 10 us
24
mV
VIN = 3.6V, 25mA ≤ IOUT ≤ 225 mA,
Load Transient Regulation
246
mV
TRISE,FALL = 100 ns
eN
Output Noise Voltage
10Hz
≤ f ≤ 100kHz, COUT = 4.7µF
0.120
mVRMS
PSRR
f = 1kHz, COUT = 4.7µF
46
dB
Power Supply Ripple Rejection
Ratio
f = 10kHz, COUT = 4.7µF
34
COUT
Output Capacitance
2
4.7
20
µF
0µA
≤ IOUT ≤ 250mA
Output Capacitor ESR
5
500
m
Ω
tSTART-UP
Start-Up Time from Shut-down
COUT = 4.7µF, IOUT = 250mA
144
µs
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V
(5)
Quiescent current for LDO1, LDO2, and LDO3 do not include shared functional blocks such as the bandgap reference.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com