Electronic Components Datasheet Search
  English  ▼

X  

DS1822 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1822
Description  Econo 1-Wire Digital Thermometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1822 Datasheet HTML 1Page - Dallas Semiconductor DS1822 Datasheet HTML 2Page - Dallas Semiconductor DS1822 Datasheet HTML 3Page - Dallas Semiconductor DS1822 Datasheet HTML 4Page - Dallas Semiconductor DS1822 Datasheet HTML 5Page - Dallas Semiconductor DS1822 Datasheet HTML 6Page - Dallas Semiconductor DS1822 Datasheet HTML 7Page - Dallas Semiconductor DS1822 Datasheet HTML 8Page - Dallas Semiconductor DS1822 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
061002
FEATURES
§ Unique 1-Wire
® interface requires only one
port pin for communication.
§ Each device has a unique 64-bit serial code
stored in an on-board ROM.
§ Multidrop capability simplifies distributed
temperature-sensing applications.
§ Requires no external components.
§ Can be powered from data line. Power supply
range is 3.0V to 5.5V.
§ Measures temperatures from -55°C to +125°C
(-67°F to +257°F).
§ ±2.0°C accuracy from -10°C to +85°C.
§ Thermometer resolution is user-selectable
from 9 to 12 bits.
§ Converts temperature to 12-bit digital word in
750ms (max.)
§ User-definable nonvolatile (NV) alarm
settings.
§ Alarm search command identifies and
addresses devices whose temperature is
outside of programmed limits (temperature
alarm condition).
§ Software compatible with the DS18B20.
§ Applications include thermostatic controls,
industrial
systems,
consumer
products,
thermometers, or any thermally sensitive
system.
PIN ASSIGNMENT
PIN DESCRIPTION
GND - Ground
DQ
- Data In/Out
VDD
- Power Supply Voltage
NC
- No Connect
DESCRIPTION
The DS1822 digital thermometer provides 9- to 12-bit centigrade temperature measurements and has an
alarm function with NV user-programmable upper and lower trigger points. The DS1822 communicates
over a 1-Wire bus that by definition requires only one data line (and ground) for communication with a
central microprocessor. It has an operating temperature range of –55°C to +125°C and is accurate to
±2.0°C over the range of –10°C to +85°C. In addition, the DS1822 can derive power directly from the
data line (“parasite power”), eliminating the need for an external power supply.
Each DS1822 has a unique 64-bit serial code, which allows multiple DS1822s to function on the 1-Wire
bus; thus, it is simple to use one microprocessor to control many DS1822s distributed over a large area.
Applications that can benefit from this feature include HVAC environmental controls, temperature
monitoring systems inside buildings, equipment or machinery, and process monitoring and control
systems.
1
(BOTTOM VIEW)
2 3
DS1822
Econo 1-Wire Digital
Thermometer
www.maxim-ic.com
8-Pin 150mil SO
(DS1822Z)
TO-92
(DS1822)
DALLAS
1822
1 23
NC
NC
NC
NC
GND
DQ
VDD
NC
6
8
7
5
3
1
2
4
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS1822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS1822 MAXIM-DS1822 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+ MAXIM-DS1822+ Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS1822+ MAXIM-DS1822+ Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+PAR MAXIM-DS1822+PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
More results

Similar Description - DS1822

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
Econo . Digital Thermometer and Thermostat
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com