Electronic Components Datasheet Search
  English  ▼

X  

DS1822 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS1822
Description  Econo 1-Wire Digital Thermometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS1822 Datasheet HTML 12Page - Dallas Semiconductor DS1822 Datasheet HTML 13Page - Dallas Semiconductor DS1822 Datasheet HTML 14Page - Dallas Semiconductor DS1822 Datasheet HTML 15Page - Dallas Semiconductor DS1822 Datasheet HTML 16Page - Dallas Semiconductor DS1822 Datasheet HTML 17Page - Dallas Semiconductor DS1822 Datasheet HTML 18Page - Dallas Semiconductor DS1822 Datasheet HTML 19Page - Dallas Semiconductor DS1822 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DS1822
18 of 20
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55
°C to +125°C
Storage Temperature Range
-55
°C to +125°C
Solder Dip Temperature
See IPC/JEDEC J-STD-020A Specification
Reflow Oven Temperature
+220°C
*These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 3.0V to 5.5V)
PARAMETER
SYMBOL CONDITION MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDD
Local Power
+3.0
+5.5
V
1
Parasite Power
+3.0
+5.5
Pullup Supply
Voltage
VPU
Local Power
+3.0
VDD
V
1, 2
-10°C to
+85°C
±2
°C
3
Thermometer Error
tERR
-55°C to
+125°C
±3
Input Logic Low
VIL
-0.3
+0.8
V
1, 4, 5
Local Power
+2.2
Input Logic High
VIH
Parasite Power
+3.0
The lower of
5.5
or
VDD + 0.3
V
1, 6
Sink Current
IL
VI/O=0.4V
4.0
mA
1
Standby Current
IDDS
750
1000
nA
7, 8
Active Current
IDD
VDD=5V
1
1.5
mA
9
DQ Input Current
IDQ
5µA
10
Drift
±0.2
°C
11
NOTES:
1.
All voltages are referenced to ground.
2.
The Pullup Supply Voltage specification assumes that the pullup device is ideal, and therefore the
high level of the pullup is equal to VPU. In order to meet the VIH spec of the DS1822, the actual
supply rail for the strong pullup transistor must include margin for the voltage drop across the
transistor when it is turned on; thus: VPU_ACTUAL = VPU_IDEAL + VTRANSISTOR.
3.
See typical performance curve in Figure 17.
4.
Logic low voltages are specified at a sink current of 4mA.
5.
To guarantee a presence pulse under low voltage parasite power conditions, VILMAX may have to be
reduced to as low as 0.5V.
6.
Logic high voltages are specified at a source current of 1mA.
7.
Standby current specified up to +70
°C. Standby current typically is 3mA at +125°C.
8.
To minimize IDDS, DQ should be within the following ranges: GND
£ DQ £ GND + 0.3V or VDD -
0.3V
£ DQ £ VDD.
9.
Active current refers to supply current during active temperature conversions or EEPROM writes.
10. DQ line is high (high-Z state).
11. Drift data is based on a 1000 hour stress test at +125°C with VDD = 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com