Electronic Components Datasheet Search
  English  ▼

X  

DS1822 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1822
Description  Econo 1-Wire Digital Thermometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1822 Datasheet HTML 12Page - Dallas Semiconductor DS1822 Datasheet HTML 13Page - Dallas Semiconductor DS1822 Datasheet HTML 14Page - Dallas Semiconductor DS1822 Datasheet HTML 15Page - Dallas Semiconductor DS1822 Datasheet HTML 16Page - Dallas Semiconductor DS1822 Datasheet HTML 17Page - Dallas Semiconductor DS1822 Datasheet HTML 18Page - Dallas Semiconductor DS1822 Datasheet HTML 19Page - Dallas Semiconductor DS1822 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1822
16 of 20
data from the DS1822 is valid for 15
ms after the falling edge that initiated the read time slot. Therefore,
the master must release the bus and then sample the bus state within 15
ms from the start of the slot.
Figure 15 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15
ms for a read time slot.
Figure 16 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible
and by locating the master sample time during read time slots towards the end of the 15
ms period.
DETAILED MASTER READ 1 TIMING Figure 15
RECOMMENDED MASTER READ 1 TIMING Figure 16
RELATED APPLICATION NOTES
The following Application Notes can be applied to the DS1822. These notes can be obtained from the
Dallas Semiconductor “Application Note Book,” via the Dallas website at http://www.dalsemi.com/, or
through our faxback service at (214) 450–0441.
Application Note 27: Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor
Touch Memory Product
Application Note 55: Extending the Contact Range of Touch Memories
Application Note 74: Reading and Writing Touch Memories via Serial Interfaces
Application Note 104: Minimalist Temperature Control Demo
Application Note 106: Complex MicroLANs
Application Note 108: MicroLAN—In the Long Run
Application Note 162: Interfacing the DS18X20/DS1822 1-Wire Temperature Sensor in a
Microcontroller Environment
Sample 1-Wire subroutines that can be used in conjunction with AN74 can be downloaded from the
Dallas website or anonymous FTP Site.
VPU
GND
1-WIRE BUS
15
ms
VIH of Master
TRC
TINT > 1
ms
Master samples
LINE TYPE LEGEND
Bus master pulling low
Resistor pullup
VPU
GND
1-WIRE BUS
15
ms
VIH of Master
TRC =
small
TINT =
small
Master samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com