Electronic Components Datasheet Search
  English  ▼

X  

TLV5510IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLV5510IPWR Datasheet HTML 1Page - Texas Instruments TLV5510IPWR Datasheet HTML 2Page - Texas Instruments TLV5510IPWR Datasheet HTML 3Page - Texas Instruments TLV5510IPWR Datasheet HTML 4Page - Texas Instruments TLV5510IPWR Datasheet HTML 5Page - Texas Instruments TLV5510IPWR Datasheet HTML 6Page - Texas Instruments TLV5510IPWR Datasheet HTML 7Page - Texas Instruments TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF ANALOG INPUT
VDDA
AGND
ANALOG IN
EQUIVALENT OF EACH DIGITAL INPUT
VDDD
DGND
OE, CLK
EQUIVALENT OF EACH DIGITAL OUTPUT
VDDD
DGND
D1 – D8
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
20, 21
Analog ground
ANALOG IN
19
I
Analog input
CLK
12
I
Clock input
DGND
2, 24
Digital ground
D1 – D8
3–10
O
Digital data out. D1:LSB, D8:MSB
OE
1
I
Output enable. When OE = low, data is enabled. When OE = high, D1 – D8 is high impedance.
VDDA
14, 15, 18
Analog supply voltage
VDDD
11, 13
Digital supply voltage
REFB
23
I
Reference voltage in (bottom)
REFBS
22
Reference voltage (bottom). When using the internal voltage divider to generate a nominal 2-V reference,
this terminal is shorted to the REFB terminal and the REFTS terminal is shorted to the REFT terminal (see
Figure 21).
REFT
17
I
Reference voltage in (top)
REFTS
16
Reference voltage (top). When using the internal voltage divider to generate a nominal 2-V reference, this
terminal is shorted to the REFT terminal and the REFBS terminal is shorted to the REFB terminal (see
Figure 21).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDDA, VDDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range, REFT, REFB, REFBS, REFTS
AGND to VDDA
. . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range, VI(ANLG)
AGND to VDDA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–35
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com