Electronic Components Datasheet Search
  English  ▼

X  

TLV5510IPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments TLV5510IPWR Datasheet HTML 10Page - Texas Instruments TLV5510IPWR Datasheet HTML 11Page - Texas Instruments TLV5510IPWR Datasheet HTML 12Page - Texas Instruments TLV5510IPWR Datasheet HTML 13Page - Texas Instruments TLV5510IPWR Datasheet HTML 14Page - Texas Instruments TLV5510IPWR Datasheet HTML 15Page - Texas Instruments TLV5510IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
14
15
18
16
17
19
22
23
20
21
13
11
10
9
8
7
6
5
4
3
12
1
2
24
C8
C9
VDDA
VDDA
VDDA
REFTS
REFT
ANALOG IN
REFBS
REFB
AGND
AGND
DVDDD
DVDDD
D8
D7
D6
D5
D4
D3
D2
D1
CLK
OE
DGND
DGND
FB3
FB2
FB1
C3
C4
C5
C6
C7
C2
Buffer
C1
From Clamp
Output
Video Input
(2VPP)
A
VDDA
3.3 V
VDDD
3.3 V
Output Enable
Clock
D
C10
R1
+
LOCATION
DESCRIPTION
C1, C3, C4 – C9
0.1
µF Capacitor
C2
10 pF Capacitor
C10
47
µF Capacitor
FB1, FB2, FB3
Ferrite bead
R1
75
Ω Resistor
Figure 18. Application and Test Schematic Using Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com