Electronic Components Datasheet Search
  English  ▼

X  

TLV5510IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5510IPWR Datasheet HTML 3Page - Texas Instruments TLV5510IPWR Datasheet HTML 4Page - Texas Instruments TLV5510IPWR Datasheet HTML 5Page - Texas Instruments TLV5510IPWR Datasheet HTML 6Page - Texas Instruments TLV5510IPWR Datasheet HTML 7Page - Texas Instruments TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments TLV5510IPWR Datasheet HTML 10Page - Texas Instruments TLV5510IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
6.35
6.3
6.25
–40
–20
0
20
6.4
6.45
EFFECTIVE NUMBER OF BITS
vs
TEMPERATURE
6.5
40
60
80
Ambient Temperature –
°C
VDDA = 3 V,
VREFB = 0.5 V,
VREFT = 2.5 V,
Fclk = 10 MHz,
fsin = 1 MHz
Figure 6
0.1
0
–0.1
–0.2
0
20
40
60
80
100
120
0.5
0.6
Samples
INTEGRAL NONLINEARITY
vs
SAMPLES
(Under Recommended Operating Conditions)
0.75
140
160
180
200
0.4
0.3
0.2
–0.3
–0.4
–0.5
–0.6
–0.75
220
240 254
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com