Electronic Components Datasheet Search
  English  ▼

X  

TLV5510IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV5510IPWR Datasheet HTML 1Page - Texas Instruments TLV5510IPWR Datasheet HTML 2Page - Texas Instruments TLV5510IPWR Datasheet HTML 3Page - Texas Instruments TLV5510IPWR Datasheet HTML 4Page - Texas Instruments TLV5510IPWR Datasheet HTML 5Page - Texas Instruments TLV5510IPWR Datasheet HTML 6Page - Texas Instruments TLV5510IPWR Datasheet HTML 7Page - Texas Instruments TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VDDA – AGND
2.7
3
3.6
V
Supply voltage
VDDD – DGND
2.7
3
3.6
V
AGND – DGND
– 100
0
100
mV
Reference input voltage (top), REFT
REFB+2
VDDA–0.3
V
Reference input voltage (bottom), REFB
0
0.6
REFT– 2
V
Analog input voltage range, VI(ANLG) (see Note 1)
REFB
REFT
V
High-level input voltage, VIH
2.5
V
Low-level input voltage, VIL
0.5
V
Pulse duration, clock high, tw(H)
10
ns
Pulse duration, clock low, tw(L)
10
ns
Clock frequency, f(CLK)
10
MHz
Sampling frequency, fs
10
MSPS
NOTE 1: REFT – REFB
≤ 2.4 V maximum
electrical characteristics at VDDD = VDDA = 3 V, REFT = 2.5 V, REFB = 0.5 V, f(CLK) = 10 MHz,
TA = 25°C (unless otherwise noted)
digital I/O
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IIH
High-level input current
VDDD = MAX,
VIH = VDDD
5
µA
IIL
Low-level input current
VDDD = MAX,
VIL = 0
5
µA
IOH
High-level output current
OE = GND,
VDDD = MIN,
VOH = VDDD – 0.5 V
– 1.6
mA
IOL
Low-level output current
OE = GND,
VDDD = MIN,
VOL = 0.4 V
2.6
mA
IOZH
High-level high-impedance-state
output leakage current
OE = VDDD,
VDDD = MAX
VOH = VDDD
15
µA
IOZL
Low-level high-impedance-state
output leakage current
OE = VDDD,
VDDD = MIN
VOL = 0
15
µA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
power
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IDD
Supply current
fsin = 1 MHz sine wave, reference resistor dissipation is separate
4
10
mA
Iref
Reference voltage current
∆REF = REFT – REFB = 2 V
6
10
14
mA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com