Electronic Components Datasheet Search
  English  ▼

X  

TLV5510IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV5510IPWR Datasheet HTML 1Page - Texas Instruments TLV5510IPWR Datasheet HTML 2Page - Texas Instruments TLV5510IPWR Datasheet HTML 3Page - Texas Instruments TLV5510IPWR Datasheet HTML 4Page - Texas Instruments TLV5510IPWR Datasheet HTML 5Page - Texas Instruments TLV5510IPWR Datasheet HTML 6Page - Texas Instruments TLV5510IPWR Datasheet HTML 7Page - Texas Instruments TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
N
N+1
N+2
N+3
N+4
N–3
N –2
N–1
N
N+1
tpd
CLK (Clock)
ANALOG IN
(Input Signal)
D1 – D8
(Output Data)
tw(H)
tw(L)
Figure 1. I/O Timing Diagram
TYPICAL CHARACTERISTICS
Figure 2
6
4
2
0
02
4
6
8
10
Sampling Frequency – MHz
POWER DISSIPATION
vs
SAMPLING FREQUENCY
12
810
12
TA = 25°C
VDDA = 2.7 V,
VREFB = 0.5 V,
VREFT = 2.5 V,
Fclk = 10 MHz
Figure 3
100
–4
–5
–7
–8
–2
–1
0
ANALOG INPUT BANDWIDTH
fI – Input Frequency – MHz
–3
–6
101
102
TA = 25°C
VDDA = 2.7 V,
VREFB = 0.5 V,
VREFT = 2.5 V,
Fclk = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com