Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  Thermal Shutdown and Overcurrent Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 4 Page - Texas Instruments

  TLV705 Datasheet HTML 1Page - Texas Instruments TLV705 Datasheet HTML 2Page - Texas Instruments TLV705 Datasheet HTML 3Page - Texas Instruments TLV705 Datasheet HTML 4Page - Texas Instruments TLV705 Datasheet HTML 5Page - Texas Instruments TLV705 Datasheet HTML 6Page - Texas Instruments TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
EN
GND
V
IN
V
OUT
2
1
A
B
EN
GND
V
IN
V
OUT
2
1
A
B
TLV705, TLV705P
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
www.ti.com
5 Pin Configuration and Functions
YFF, YFP Packages
YFM Package
4-Pin DSBGA
4-Pin PicoStar
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
A1
—
Ground pin.
Enable pin.
EN
A2
I
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown
mode, thus reducing operating current to 1
μA, nominal.
Regulated output voltage pin.
VOUT
B1
O
A small 1-
μF ceramic capacitor is required to be placed from this pin to ground to assure stability.
See the Input and Output Capacitor Requirements section for more details.
Input pin.
VIN
B2
I
A small 1-
μF ceramic capacitor is recommended to be placed from this pin to ground for good transient
performance. See the Input and Output Capacitor Requirements section for more details.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV705 TLV705P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com