Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  Thermal Shutdown and Overcurrent Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV705 Datasheet HTML 13Page - Texas Instruments TLV705 Datasheet HTML 14Page - Texas Instruments TLV705 Datasheet HTML 15Page - Texas Instruments TLV705 Datasheet HTML 16Page - Texas Instruments TLV705 Datasheet HTML 17Page - Texas Instruments TLV705 Datasheet HTML 18Page - Texas Instruments TLV705 Datasheet HTML 19Page - Texas Instruments TLV705 Datasheet HTML 20Page - Texas Instruments TLV705 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
CIN
COUT
GND
VIN
VOUT
Represents via used for
application-specific connections
TLV705, TLV705P
www.ti.com
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
10 Layout
10.1 Layout Guidelines
Place input and output capacitors as close to the device pins as possible. To improve ac performance (such as
PSRR, output noise, and transient response), TI recommends designing the board with the input and output
capacitors on opposite sides of the device. In addition, connect the ground connection for the output capacitor
directly to the GND pin of the device. High ESR capacitors can degrade PSRR.
10.2 Layout Example
Figure 31. Example PCB Layout
10.3 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed-circuit-board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to the ambient air. Performance data for JEDEC low and high-K boards are given in the
Thermal Information table. Using heavier copper increases the effectiveness in removing heat from the device.
The addition of plated through-holes to heat-dissipating layers also improves the thermal dissipation.
Refer to the section for thermal performance on the TLV705 evaluation module (EVM). The EVM is a 2-layer
board with 2 ounces of copper per side.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of
the output current and the voltage drop across the output pass element, as shown in Equation 3:
PD = (VIN – VOUT) × IOUT
(3)
10.4 Power Dissipation and Junction Temperature
Thermal protection disables the output when the junction temperature rises to approximately 160°C, allowing the
device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit can cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a
result of overheating.
For reliable operation, limit junction temperature to 125°C, maximum. To estimate the margin of safety in a
complete design, increase the ambient temperature until the thermal protection is triggered; use worst-case loads
and signal conditions. For good reliability, trigger thermal protection at least 35°C above the maximum expected
ambient condition of the particular application. This configuration produces a worst-case junction temperature of
125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TLV705 is designed to protect against overload conditions. Continuously
running the TLV705 into thermal shutdown degrades device reliability.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TLV705 TLV705P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com