Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  Thermal Shutdown and Overcurrent Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 1 Page - Texas Instruments

  TLV705 Datasheet HTML 1Page - Texas Instruments TLV705 Datasheet HTML 2Page - Texas Instruments TLV705 Datasheet HTML 3Page - Texas Instruments TLV705 Datasheet HTML 4Page - Texas Instruments TLV705 Datasheet HTML 5Page - Texas Instruments TLV705 Datasheet HTML 6Page - Texas Instruments TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLV705
GND
EN
V
IN
V
OUT
Input
Output
On
Off
C
IN
C
OUT
1 F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV705, TLV705P
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
TLV705x 200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small,
0.8-mm × 0.8-mm DSBGA and PicoStar™
1 Features
3 Description
The TLV705 series of low-dropout (LDO) linear
1
•
Very Low Dropout:
regulators are low quiescent current devices with
–
105 mV at IOUT = 150 mA
excellent line and load transient performance. These
–
145 mV at IOUT = 200 mA
devices
are
designed
for
power-sensitive
applications, with a precision band gap. An error
•
Accuracy: 0.5% Typical
amplifier provides typical accuracy of 0.5%. Low
•
Low IQ: 35 μA
output noise, very high power-supply rejection ratio
•
Available in Fixed-Output Voltages From
(PSRR), and low dropout voltage make this series of
0.7 V to 4.8 V
LDOs ideal for a wide selection of battery-operated
hand-held equipment. All devices have a thermal
•
VIN Range: 2 V to 5.5 V
shutdown and current limit for safety.
•
High PSRR: 70 dB at 1 kHz
Furthermore, the TLV705 series is stable with an
•
Stable With Effective Capacitance of 0.1
μF
effective output capacitance of only 0.1
μF. This
•
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
•
Available in an Ultra-Low Profile (0.2-mm Max
that have higher bias voltage and temperature
Height) PicoStar Package Option
derating. The devices regulate to the specified
accuracy with zero output load. The TLV705P series
also provides an active pulldown circuit to quickly
2 Applications
discharge output.
•
Wireless Handsets
The TLV705 and TLV705P series are both available
•
Smart Phones
in 0.8-mm × 0.8-mm DSBGA and PicoStar packages
•
Zigbee® Networks
with three height options that are optimal for hand-
•
Bluetooth® Devices
held applications.
•
Other Li-Ion Operated Hand-Held Products
Device Information(1)
•
WLAN and Other PC Add-On Cards
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DSGBA (4)
0.80 mm × 0.80 mm
TLV705x
PicoStar (4)
0.77 mm × 0.77 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit (Fixed-Voltage Versions)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705 TI1-TLV705 Datasheet
841Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
TLV705 TI1-TLV705 Datasheet
966Kb / 24P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV705 TI1-TLV705 Datasheet
1Mb / 36P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
TLV705075YFPR TI1-TLV705075YFPR Datasheet
1Mb / 36P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
TLV705075YFPT TI1-TLV705075YFPT Datasheet
1Mb / 36P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
More results

Similar Description - TLV705

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
thermal shutdown protection
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
Thermal Shutdown Protection
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com