Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  Thermal Shutdown and Overcurrent Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV705 Datasheet HTML 4Page - Texas Instruments TLV705 Datasheet HTML 5Page - Texas Instruments TLV705 Datasheet HTML 6Page - Texas Instruments TLV705 Datasheet HTML 7Page - Texas Instruments TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments TLV705 Datasheet HTML 10Page - Texas Instruments TLV705 Datasheet HTML 11Page - Texas Instruments TLV705 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
Frequency(Hz)
10M
1M
V
=2.3V
V
=1.8V
OUT
IN
I
= 10mA
OUT
I
=150mA
OUT
500
470
440
410
380
350
2.5
3
3.5
4
4.5
V
(V)
IN
5.5
5
V
= 1.8 V
OUT
+25 C
°
50
45
40
35
30
25
20
15
10
5
0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=1.8V
I
=0mA
OUT
OUT
2.5
2
1.5
1
0.5
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
5.1
50
45
40
35
30
25
20
15
10
5
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=0mA
OUT
OUT
5.1
400
350
300
250
200
150
100
50
0
0
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
100
150
TLV705, TLV705P
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 0.9 V, COUT = 1 μF, and VIN = VOUT(nom) + 0.5 V
or 2 V, whichever is greater, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 7. Ground Pin Current vs Input Voltage
Figure 8. Ground Pin Current vs Output Current
Figure 9. Ground Pin Current vs Temperature
Figure 10. Shutdown Pin Current vs Input Voltage
Figure 11. Current Limit vs Input Voltage
Figure 12. Power-Supply Rejection Ratio vs Frequency
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV705 TLV705P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com