Electronic Components Datasheet Search
  English  ▼

X  

TLV705 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705
Description  Thermal Shutdown and Overcurrent Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV705 Datasheet HTML 8Page - Texas Instruments TLV705 Datasheet HTML 9Page - Texas Instruments TLV705 Datasheet HTML 10Page - Texas Instruments TLV705 Datasheet HTML 11Page - Texas Instruments TLV705 Datasheet HTML 12Page - Texas Instruments TLV705 Datasheet HTML 13Page - Texas Instruments TLV705 Datasheet HTML 14Page - Texas Instruments TLV705 Datasheet HTML 15Page - Texas Instruments TLV705 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
V
IN
EN
V
OUT
LOGIC
GND
TLV705PSeries
120 W
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
V
IN
EN
V
OUT
LOGIC
GND
TLV705Series
TLV705, TLV705P
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TLV705 and TLV705P series of devices belong to a family of next-generation value low-dropout (LDO)
voltage regulators. These devices consume low quiescent current and deliver excellent line and load transient
performance. This performance, combined with low noise, very good PSRR with little (VIN – VOUT) headroom,
makes these devices ideal for RF portable applications. This family of regulators offers sub-band-gap output
voltages down to 0.7 V, current limit, and thermal protection, and are specified from –40°C to 125°C. The
TLV705P provides an active pulldown circuit to quickly discharge the outputs.
7.2 Functional Block Diagrams
Figure 26. TLV705 Series
Figure 27. TLV705P Series
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV705 TLV705P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com