Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 17Page - Texas Instruments UCD3138064RMHT Datasheet HTML 18Page - Texas Instruments UCD3138064RMHT Datasheet HTML 19Page - Texas Instruments UCD3138064RMHT Datasheet HTML 20Page - Texas Instruments UCD3138064RMHT Datasheet HTML 21Page - Texas Instruments UCD3138064RMHT Datasheet HTML 22Page - Texas Instruments UCD3138064RMHT Datasheet HTML 23Page - Texas Instruments UCD3138064RMHT Datasheet HTML 24Page - Texas Instruments UCD3138064RMHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Front End 2
Analog
Comparators
Power and
1.8 V Voltage
Regulator
AD07
AD06
AD04
V33DIO
/RESET
SCI_RX0
SCI_TX0
PMBUS_CLK
PMBUS_DATA
AGND
V33D
VREG
FAULT3
FAULT2
TCAP
TMS
TDI
TDO
TCK
EXT_INT
FAULT1
FAULT0
PWM1
PWM0
SCI_RX1
SCI_TX1
PMBUS_CTRL
PMBUS_ALERT
SYNC
DGND
DPWM3B
DPWM3A
DPWM2B
DPWM2A
DPWM1B
DPWM1A
DPWM0B
DPWM0A
EAP0
EAN0
EAP1
EAN1
V33A
AD00
AD01
AD02
AD13
PID Based
Filter 0
DPWM0
DPWM1
DPWM2
DPWM3
PID Based
Filter 1
PID Based
Filter 2
ADC_EXT
ADC12
ADC12 Control
Sequencing, Averaging,
Digital Compare, Dual
Sample and hold
AD[13:0]
A
B
C
D
E
F
G
Current Share
Analog, Average, Master/Slave
AD03
AD02
AD13
AGND
PMBus
Timers
4 ± 16 bit (PWM)
1 ± 24 bit
UART0
UART1
GPIO
Control
JTAG
Loop MUX
ARM7TDMI-S
32 bit, 31.25 MHz
Memory
DFLASH 2 kB
RAM 4 kB
ROM 8 kB
Power On Reset
Brown Out Detection
Oscillator
Internal Temperature
Sensor
Advanced Power Control
Mode Switching, Burst Mode, IDE,
Synchronous Rectification soft on & off
Front End 1
Constant Power Constant
Current
Input Voltage Feed Forward
Front End Averaging
Digital Comparators
Fault MUX &
Control
Cycle by Cycle
Current Limit
Digital
Comparators
DAC0
EADC
X
AFE
Value
Dither

CPCC
Filter x
Ramp
SAR/Prebias
Abs()
Avg()
2
AFE
2
3-AFE
Peak Current Mode
Control Comparator
A0
EAP2
EAN2
Front End 0
SPI_MOSI
SPI_MISO
I2C_DATA
SPI_CS
I2C_CLK
SPI_CLK
SPI
I
2C
Bank 1
32 kB
Bank 2
32 kB
PFLASH 64 kB
UCD3138064
www.ti.com
SLUSB72B – MARCH 2013 – REVISED SEPTEMBER 2014
6.2
Functional Block Diagram
Copyright © 2013–2014, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com