Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 9Page - Texas Instruments UCD3138064RMHT Datasheet HTML 10Page - Texas Instruments UCD3138064RMHT Datasheet HTML 11Page - Texas Instruments UCD3138064RMHT Datasheet HTML 12Page - Texas Instruments UCD3138064RMHT Datasheet HTML 13Page - Texas Instruments UCD3138064RMHT Datasheet HTML 14Page - Texas Instruments UCD3138064RMHT Datasheet HTML 15Page - Texas Instruments UCD3138064RMHT Datasheet HTML 16Page - Texas Instruments UCD3138064RMHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
UCD3138064
www.ti.com
SLUSB72B – MARCH 2013 – REVISED SEPTEMBER 2014
5.5
Electrical Characteristics
V33A = V33D = V33DIO = 3.3 V; 1
μF from BP18 to DGND, TJ = –40 °C to 125 °C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Measured on V33A. The device is powered up
I33A
6.3
mA
but all ADC12 and EADC sampling is disabled
I33DIO
All GPIO and communication pins are open
0.35
mA
I33D
ROM program execution
60
mA
I33D
Flash programming in ROM mode
70
mA
The device is in ROM mode with all DPWMs
I33
enabled and switching at 2 MHz. The DPWMs
100
mA
are all unloaded.
ERROR ADC INPUTS EAP, EAN
EAP – AGND
–0.15
1.998
V
EAP – EAN
–0.256
1.848
V
Typical error range
AFE = 0
–256
248
mV
AFE = 3
0.8
1
1.20
mV
AFE = 2
1.7
2
2.30
mV
EAP – EAN Error voltage digital
resolution
AFE = 1
3.55
4
4.45
mV
AFE = 0
6.90
8
9.10
mV
REA
Input impedance (See Figure 6-1)
AGND reference
0.5
M
Ω
IOFFSET
Input offset current (See Figure 6-1)
–5
5
μA
Input voltage = 0 V at AFE = 0
–2
2
LSB
Input voltage = 0 V at AFE = 1
–2.5
2.5
LSB
EADC Offset
Input voltage = 0 V at AFE = 2
–3
-3
LSB
Input voltage = 0 V at AFE = 3
–4
4
LSB
15.62
Sample Rate
MHz
5
Analog Front End Amplifier Bandwidth
100
MHz
Gain
See Figure 6-2
1
V/V
A0
Minimum output voltage
21
mV
EADC DAC
DAC range
0
1.6
V
VREF DAC reference resolution
10-bit, No dithering enabled
1.56
mV
VREF DAC reference resolution
With 4-bit dithering enabled
97.6
μV
INL
–2.0
2.0
LSB
DNL
Does not include MSB transition
–1.0
2.1
LSB
DNL at MSB transition
–1.4
LSB
DAC reference voltage
1.58
1.61
V
ADC12
IBIAS
Bias current for PMBus address pins
9.5
10.5
μA
Measurement range for voltage
0
2.5
V
monitoring
Internal ADC reference voltage
–40 to 125 °C
2.475
2.500
2.53
V
–40 to 25 °C
–0.7
Change in Internal ADC reference from
mV
25°C reference voltage
25 to 125 °C
–2.1
–7.5/+2
ADC12 INL integral nonlinearity
LSB
.9
–0.7/+3
ADC_SAMPLING_SEL = 6 for all ADC12 data,
ADC12 DNL differential nonlinearity
LSB
.2
25 to 125 °C
ADC Zero Scale Error
–7
7
mV
ADC Full Scale Error
–35
35
mV
Copyright © 2013–2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com