Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 57 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 53Page - Texas Instruments UCD3138064RMHT Datasheet HTML 54Page - Texas Instruments UCD3138064RMHT Datasheet HTML 55Page - Texas Instruments UCD3138064RMHT Datasheet HTML 56Page - Texas Instruments UCD3138064RMHT Datasheet HTML 57Page - Texas Instruments UCD3138064RMHT Datasheet HTML 58Page - Texas Instruments UCD3138064RMHT Datasheet HTML 59Page - Texas Instruments UCD3138064RMHT Datasheet HTML 60Page - Texas Instruments UCD3138064RMHT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Does Program Flash 1 have a
BRANCH instruction at the
beginning?
Is there a valid checksum on the
first 2 kB of Program Flash 1 or all
32 kB of Program Flash 1?
BRANCH to
Program Flash 1
Does Program Flash 2 have a
BRANCH instruction at the
beginning?
Is there a valid checksum on the
first 2 kB of Program Flash 2 or all
32 kB of Program Flash 2?
BRANCH to
Program Flash 2
Stay in ROM
Yes
No
Yes
No
Yes
No
Yes
No
Device Reset
Yes
No
Is there a valid
checksum on all 64 kB?
UCD3138064
www.ti.com
SLUSB72B – MARCH 2013 – REVISED SEPTEMBER 2014
Figure 6-28. Check Sum Evaluation Flowchart
If neither checksum is valid, the Boot ROM stays in control, and accepts commands via the PMBus
interface. These functions can be used to read and write to all memory locations in the UCD3138064.
Typically they are used to download a program to Program Flash, and to command its execution.
6.5.1.3
Customer Boot Program
As described above, it is possible to generate a user boot program using 2 kB or more of the Program
Flash. This can support things which the Boot ROM does not support, including:
•
Program download via UART – useful especially for applications where the UCD3138064 is isolated
from the host (e.g., PFC)
•
Encrypted download – useful for code security in field updates.
•
PMBus download at different addresses
6.5.1.4
Flash Management
The UCD3138064 offers a variety of features providing for easy prototyping and easy flash programming.
At the same time, high levels of security are possible for production code, even with field updates.
Standard firmware will be provided for storing multiple copies of system parameters in data flash. This
minimizes the risk of losing information if data-flash programming is interrupted.
Copyright © 2013–2014, Texas Instruments Incorporated
Detailed Description
57
Submit Documentation Feedback
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com