Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 39 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 35Page - Texas Instruments UCD3138064RMHT Datasheet HTML 36Page - Texas Instruments UCD3138064RMHT Datasheet HTML 37Page - Texas Instruments UCD3138064RMHT Datasheet HTML 38Page - Texas Instruments UCD3138064RMHT Datasheet HTML 39Page - Texas Instruments UCD3138064RMHT Datasheet HTML 40Page - Texas Instruments UCD3138064RMHT Datasheet HTML 41Page - Texas Instruments UCD3138064RMHT Datasheet HTML 42Page - Texas Instruments UCD3138064RMHT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Digital Comparator 0
Control
Digital Comparator 1
Control
Digital Comparator 2
Control
Digital Comparator 3
Control
Front End
Control 0
Front End
Control 1
Front End
Control 2
Analog
Comparator 0
Analog Comparator 0
Control
Analog
Comparator 1
Analog Comparator 1
Control
Analog
Comparator 2
Analog Comparator 2
Control
Analog
Comparator 3
Analog Comparator 3
Control
Analog
Comparator 4
Analog Comparator 4
Control
Analog
Comparator 5
Analog Comparator 5
Control
Analog
Comparator 6
Analog Comparator 6
Control
External GPIO
Detection
fault[2:0]
DPWM 0
DPWM 1
DPWM 2
DPWM 3
DPWM 0
Fault Control
DPWM 1
Fault Control
DPWM 2
Fault Control
DPWM 3
Fault Control
Analog Comparator
Automated Ramp
DCM Detection
HFO/LFO
Fail Detect
UCD3138064
www.ti.com
SLUSB72B – MARCH 2013 – REVISED SEPTEMBER 2014
Figure 6-16. Fault Mux Block Diagram
6.3.6
Communication Ports
6.3.6.1
SCI (UART) Serial Communication Interface
A maximum of two independent Serial Communication Interface (SCI) or Universal Asynchronous
Receiver/Transmitter (UART) interfaces are included within the device for asynchronous start-stop serial
data communication (see the pin out sections for details). Each interface has a 24 bit pre-scaler for
supporting programmable baud rates, a programmable data word and stop bit options. Half or full duplex
operation is configurable through register bits. A loop back feature can also be setup for firmware
verification. Both SCI-TX and SCI-RX pin sets can be used as GPIO pins when the peripheral is not being
used.
6.3.6.2
PMBUS/I2C
The UCD3138x has two independent interfaces which both support PMBus and I2C in master and slave
modes. Only one of the interfaces has control of the address pin current sources as well as support for the
optional Control and Alert lines described in the PMBus specification. Other than these differences, the
interfaces are identical.
The PMBus/I2C interface is designed to minimize the processor overhead required for interface. It can
automatically detect and acknowledge addresses. It handles start and stop conditions automatically, and
can clock stretch until the processor has time to poll the PMBus status. It will automatically receive and
send up to 4 bytes at a time. It can automatically verify and generate a PEC. This means that a write byte
command can be received by the processor with only one function call. There is no need for any interrupts
at all with this PMBus/I2C interface. If it is polled every few milliseconds, it will work perfectly.
The interface also supports automatic ACK of two independent addresses. If both PMBus/I2C interfaces
are used at the same time a total of 4 independent addresses can be automatically detected.
Example: PMBus Address Decode via ADC12 Reading
Copyright © 2013–2014, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com