Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 35 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 31Page - Texas Instruments UCD3138064RMHT Datasheet HTML 32Page - Texas Instruments UCD3138064RMHT Datasheet HTML 33Page - Texas Instruments UCD3138064RMHT Datasheet HTML 34Page - Texas Instruments UCD3138064RMHT Datasheet HTML 35Page - Texas Instruments UCD3138064RMHT Datasheet HTML 36Page - Texas Instruments UCD3138064RMHT Datasheet HTML 37Page - Texas Instruments UCD3138064RMHT Datasheet HTML 38Page - Texas Instruments UCD3138064RMHT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
P
26
I
D
24
All are S0.23
+
24
24
Saturate
Yn
S2.23
S0.23
24
Shifter
S0.23
24
Yn Scale
Clamp
S0.23
24
Filter Yn
Clamp High
Filter Yn
Clamp Low
Filter Yn
X
24
24
24
Ki_yn reg
Kp Coef
Xn-1 Reg
Xn
16
24
<>
9
9
16
24
24
24
24
24
24
Clamp
Kd yn_reg
Kd alpha
9
16
9
24
24
24
24
P
I
D
Limit Comparator
PID Filter Branch Stages
Ki High
EADC_DATA
9
9
9
9
24
32
Ki Coef
Kd coef
Limit 5
9
9
Limit 6
…..
Limit 0
Coefficient
select
Ki Low
Optional
Selected
by
KI_ADDER_
MODE
Clamp
X
X
X
+
-
+
+
Round
X
X +1
n
n
–
UCD3138064
www.ti.com
SLUSB72B – MARCH 2013 – REVISED SEPTEMBER 2014
Figure 6-10. First Section of the Filter
The filter input, Xn, generally comes from a front end. Then there are three branches, P, I. and D. Note
that the D branch also has a pole, Kd Alpha. Clamps are provided both on the I branch and on the D
alpha pole.
The filter also supports a nonlinear mode, where up to 7 different sets of coefficients can be selected
depending on the magnitude of the error input Xn. This can be used to increase the filter gain for higher
errors to improve transient response.
Here is the output section of the filter (S0.23 means that there is 1 sign bit, 0 integer bits and 23 fractional
bits).:
Figure 6-11. Output Section of the Filter
This section combines the P, I, and D sections, and provides for saturation, scaling, and clamping.
Copyright © 2013–2014, Texas Instruments Incorporated
Detailed Description
35
Submit Documentation Feedback
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com