Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0232 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 45Page - Texas Instruments TMS570LS0232 Datasheet HTML 46Page - Texas Instruments TMS570LS0232 Datasheet HTML 47Page - Texas Instruments TMS570LS0232 Datasheet HTML 48Page - Texas Instruments TMS570LS0232 Datasheet HTML 49Page - Texas Instruments TMS570LS0232 Datasheet HTML 50Page - Texas Instruments TMS570LS0232 Datasheet HTML 51Page - Texas Instruments TMS570LS0232 Datasheet HTML 52Page - Texas Instruments TMS570LS0232 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
6.9
Flash Memory
6.9.1
Flash Memory Configuration
Flash Bank: A separate block of logic consisting of 1 to 16 sectors. Each flash bank normally has a
customer-OTP and a TI-OTP area. These flash sectors share input/output buffers, data paths, sense
amplifiers, and control logic.
Flash Sector: A contiguous region of flash memory which must be erased simultaneously due to physical
construction constraints.
Flash Pump: A charge pump which generates all the voltages required for reading, programming, or
erasing the flash banks.
Flash Module: Interface circuitry required between the host CPU and the flash banks and pump module.
Note: The memory region from 0x0002_0000 to 0x0003_FFFF is not inherently protected against creating
nERROR pin toggles from speculative fetches or from run away code. An MPU region must be used to
limit accesses to only the first 128KB of ATCM space (0x0000_0000-0x0001_FFFF). Also, Flash API
version 02.01.01 or later should be used to program or erase the flash of this device.
Table 6-19. Flash Memory Banks and Sectors
SECTOR
MEMORY ARRAYS (or BANKS)
SEGMENT
LOW ADDRESS
HIGH ADDRESS
NO.
0
8KB
0x0000_0000
0x0000_1FFF
1
8KB
0x0000_2000
0x0000_3FFF
2
8KB
0x0000_4000
0x0000_5FFF
3
8KB
0x0000_6000
0x0000_7FFF
4
8KB
0x0000_8000
0x0000_9FFF
5
8KB
0x0000_A000
0x0000_BFFF
BANK0 (128KB)(1)
6
8KB
0x0000_C000
0x0000_DFFF
7
8KB
0x0000_E000
0x0000_FFFF
8
8KB
0x0001_0000
0x0001_1FFF
9
8KB
0x0001_2000
0x0001_3FFF
10
8KB
0x0001_4000
0x0001_5FFF
11
8KB
0x0001_6000
0x0001_7FFF
12
32KB
0x0001_8000
0x0001_FFFF
0
4KB
0xF020_0000
0xF020_0FFF
1
4KB
0xF020_1000
0xF020_1FFF
BANK7 (16KB) for EEPROM emulation(2)(3)
2
4KB
0xF020_2000
0xF020_2FFF
3
4KB
0xF020_3000
0xF020_3FFF
(1)
This Flash bank is 144-bit wide with ECC support.
(2)
Flash bank7 is an FLEE bank and can be programmed while executing code from flash bank0. It is 72-bit wide with ECC support.
(3)
Code execution is not allowed from flash bank7.
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
49
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com