Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0232 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 94Page - Texas Instruments TMS570LS0232 Datasheet HTML 95Page - Texas Instruments TMS570LS0232 Datasheet HTML 96Page - Texas Instruments TMS570LS0232 Datasheet HTML 97Page - Texas Instruments TMS570LS0232 Datasheet HTML 98Page - Texas Instruments TMS570LS0232 Datasheet HTML 99Page - Texas Instruments TMS570LS0232 Datasheet HTML 100Page - Texas Instruments TMS570LS0232 Datasheet HTML 101Page - Texas Instruments TMS570LS0232 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
8.2
Documentation Support
8.2.1
Related Documentation from Texas Instruments
The following documents describe the TMS570LS0232 microcontroller.
SPNU603
TMS570LS0232 16/32-Bit RISC Flash Microcontroller Technical Reference Manual details the
integration, the environment, the functional description, and the programming models for each
peripheral and subsystem in the device.
SPNZ217
TMS570LS0232 Microcontroller Silicon Revision A, Silicon Errata describes the usage notes and
known exceptions to the functional specifications for the device silicon revision(s).
SPNZ229
TMS570LS0232 Microcontroller Silicon Revision B, Silicon Errata describes the usage notes and
known exceptions to the functional specifications for the device silicon revision(s).
SPNA207
Calculating Equivalent Power-on-Hours for Hercules™ Safety MCUs details how to use the
spreadsheet to calculate the aging effect of temperature on Texas Instruments Hercules Safety MCUs.
8.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among
engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help solve
problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help developers
get started with Embedded Processors from Texas Instruments and to foster innovation and growth of
general knowledge about the hardware and software surrounding these devices.
8.4
Trademarks
Hercules, Code Composer Studio, XDS100, XDS560, E2E are trademarks of Texas Instruments.
CoreSight is a trademark of ARM Limited.
ARM, Cortex are registered trademarks of ARM Limited (or its subsidiaries) in the EU and/or elsewhere.
All rights reserved.
All other trademarks are the property of their respective owners.
8.5
Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
8.6
Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
8.7
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 8-1. The device identification code
register value for this device is:
•
Rev 0 = 0x8048AD05
•
Rev A = 0x8048AD0D
•
Rev B = 0x8048AD15
98
Device and Documentation Support
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com