Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0232 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 87Page - Texas Instruments TMS570LS0232 Datasheet HTML 88Page - Texas Instruments TMS570LS0232 Datasheet HTML 89Page - Texas Instruments TMS570LS0232 Datasheet HTML 90Page - Texas Instruments TMS570LS0232 Datasheet HTML 91Page - Texas Instruments TMS570LS0232 Datasheet HTML 92Page - Texas Instruments TMS570LS0232 Datasheet HTML 93Page - Texas Instruments TMS570LS0232 Datasheet HTML 94Page - Texas Instruments TMS570LS0232 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
Table 7-16. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 1, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPICLK(5)
40
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
2(6)
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
3(6)
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
td(SOMI-SPCL)S
Dealy time, SPISOMI data valid after SPICLK low (clock
trf(SOMI) + 20
polarity = 0)
4(6)
ns
td(SOMI-SPCH)S
Delay time, SPISOMI data valid after SPICLK high (clock
trf(SOMI) + 20
polarity = 1)
Hold time, SPISOMI data valid after SPICLK high (clock
th(SPCL-SOMI)S
2
polarity =0)
5(6)
ns
Hold time, SPISOMI data valid after SPICLK low (clock polarity
th(SPCH-SOMI)S
2
=1)
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock polarity = 0)
4
6(6)
ns
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity = 1)
4
High time, SPISIMO data valid after SPICLK high (clock
tv(SPCH-SIMO)S
2
polarity = 0)
7(6)
ns
High time, SPISIMO data valid after SPICLK low (clock polarity
tv(SPCL-SIMO)S
2
= 1)
Delay time, SPIENAn high after last SPICLK high (clock
td(SPCH-SENAH)S
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn) + 22
polarity = 0)
8
ns
Delay time, SPIENAn high after last SPICLK low (clock polarity
td(SPCL-SENAH)S
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn) + 22
= 1)
Delay time, SPIENAn low after SPICSn low (if new data has
9
td(SCSL-SENAL)S
tf(ENAn)
tc(VCLK)+tf(ENAn)+ 27
ns
been written to the SPI buffer)
Delay time, SOMI valid after SPICSn low (if new data has been
10
td(SCSL-SOMI)S
tc(VCLK)
2tc(VCLK)+trf(SOMI)+ 28
ns
written to the SPI buffer)
(1)
The MASTER bit (SPIGCR1.0) is cleared and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S
≤ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see Table 5-6.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40 ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
Copyright © 2014–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com