Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0232 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 59Page - Texas Instruments TMS570LS0232 Datasheet HTML 60Page - Texas Instruments TMS570LS0232 Datasheet HTML 61Page - Texas Instruments TMS570LS0232 Datasheet HTML 62Page - Texas Instruments TMS570LS0232 Datasheet HTML 63Page - Texas Instruments TMS570LS0232 Datasheet HTML 64Page - Texas Instruments TMS570LS0232 Datasheet HTML 65Page - Texas Instruments TMS570LS0232 Datasheet HTML 66Page - Texas Instruments TMS570LS0232 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
Table 6-27. Reset/Abort/Error Sources (continued)
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
GROUP.CHANNEL
DCAN2 memory parity error
User/Privilege
ESM
1.23
PLL
PLL slip error
User/Privilege
ESM
1.10
CLOCK MONITOR
Clock monitor interrupt
User/Privilege
ESM
1.11
DCC
DCC error
User/Privilege
ESM
1.30
CCM-R4
Self test failure
User/Privilege
ESM
1.31
Compare failure
User/Privilege
ESM
→ NMI → nERROR
2.2
VIM
Memory parity error
User/Privilege
ESM
1.15
VOLTAGE MONITOR
VMON out of voltage range
n/a
Reset
n/a
CPU SELF-TEST (LBIST)
CPU Self-test (LBIST) error
User/Privilege
ESM
1.27
PIN MULTIPLEXING CONTROL
Mux configuration error
User/Privilege
ESM
1.37
eFuse CONTROLLER
eFuse Controller Autoload error
User/Privilege
ESM
→ nERROR
3.1
eFuse Controller - Any bit set in the error status register
User/Privilege
ESM
1.40
eFuse Controller self-test error
User/Privilege
ESM
1.41
WINDOWED WATCHDOG
WWD Nonmaskable Interrupt exception
n/a
ESM => NMI => nERROR
2.24
ERRORS REFLECTED IN THE SYSESR REGISTER
Power-Up Reset
n/a
Reset
n/a
Oscillator fail / PLL slip(2)
n/a
Reset
n/a
Watchdog exception
n/a
Reset
n/a
CPU Reset (driven by the CPU STC)
n/a
Reset
n/a
Software Reset
n/a
Reset
n/a
External Reset
n/a
Reset
n/a
(2)
Oscillator fail/PLL slip can be configured in the system register (SYS.PLLCTL1) to generate a reset.
6.19 Digital Windowed Watchdog
This device includes a digital windowed watchdog (DWWD) module that protects against runaway code
execution.
The DWWD module allows the application to configure the time window within which the DWWD module
expects the application to service the watchdog. A watchdog violation occurs if the application services the
watchdog outside of this window, or fails to service the watchdog at all. The application can choose to
generate a system reset or a nonmaskable interrupt to the CPU in case of a watchdog violation.
The watchdog is disabled by default and must be enabled by the application. Once enabled, the watchdog
can only be disabled upon a system reset.
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
63
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com