Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0232 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 67Page - Texas Instruments TMS570LS0232 Datasheet HTML 68Page - Texas Instruments TMS570LS0232 Datasheet HTML 69Page - Texas Instruments TMS570LS0232 Datasheet HTML 70Page - Texas Instruments TMS570LS0232 Datasheet HTML 71Page - Texas Instruments TMS570LS0232 Datasheet HTML 72Page - Texas Instruments TMS570LS0232 Datasheet HTML 73Page - Texas Instruments TMS570LS0232 Datasheet HTML 74Page - Texas Instruments TMS570LS0232 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
V
S1
On-State
Leakage
Off-State
Leakages
V
S2
V
S24
23*I
AIL
I
AIL
I
AIL
R
ext
R
ext
R
ext
P
in
S
mux
R
mux
P
in
S
mux
R
mux
P
in
S
mux
R
mux
S
samp
R
samp
C
samp
C
ext
I
AIL
I
AIL
I
AIL
I
AIL
C
mux
C
ext
C
ext
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
7.2.3
ADC Electrical and Timing Specifications
Table 7-4. MibADC Recommended Operating Conditions
PARAMETER
MIN
MAX
UNIT
ADREFHI
A-to-D high-voltage reference source
ADREFLO
VCCAD
V
ADREFLO
A-to-D low-voltage reference source
VSSAD
ADREFHI
V
VAI
Analog input voltage
ADREFLO
ADREFHI
V
Analog input clamp current
IAIC
–2
2
mA
(VAI < VSSAD – 0.3 or VAI > VCCAD + 0.3)
Table 7-5. MibADC Electrical Characteristics Over Full Ranges of Recommended Operating Conditions(1)
PARAMETER
DESCRIPTION/CONDITIONS
MIN
TYP
MAX
UNIT
Analog input mux on-
Rmux
See Figure 7-1
95
250
Ω
resistance
ADC sample switch on-
Rsamp
See Figure 7-1
60
250
Ω
resistance
Cmux
Input mux capacitance
See Figure 7-1
7
16
pF
Csamp
ADC sample capacitance
See Figure 7-1
8
13
pF
VSSAD < VIN < VSSAD + 100 mV
–300
–1
200
Analog off-state input
VSSAD + 100 mV < VIN < VCCAD -
IAIL
VCCAD = 3.6 V MAX
–200
–0.3
200
nA
leakage current
200 mV
VCCAD - 200 mV < VIN < VCCAD
–200
1
500
VSSAD < VIN < VSSAD + 100 mV
–8
2
VSSAD + 100 mV < VIN < VCCAD -
IAOSB
Analog on-state input bias
VCCAD = 3.6 V MAX
–4
2
µA
200 mV
VCCAD - 200 mV < VIN < VCCAD
–4
12
IADREFHI
ADREFHI input current
ADREFHI = VCCAD, ADREFLO = VSSAD
3
mA
Normal operating mode
(2)
mA
ICCAD
Static supply current
ADC core in power-down mode
5
µA
(1)
1 LSB = (ADREFHI – ADREFLO)/ 2
n where n = 10 in 10-bit mode and 12 in 12-bit mode
(2)
See Section 5.7.
Figure 7-1. MibADC Input Equivalent Circuit
Copyright © 2014–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com