Electronic Components Datasheet Search
  English  ▼

X  

MCP2035 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 31Page - Microchip Technology MCP2035 Datasheet HTML 32Page - Microchip Technology MCP2035 Datasheet HTML 33Page - Microchip Technology MCP2035 Datasheet HTML 34Page - Microchip Technology MCP2035 Datasheet HTML 35Page - Microchip Technology MCP2035 Datasheet HTML 36Page - Microchip Technology MCP2035 Datasheet HTML 37Page - Microchip Technology MCP2035 Datasheet HTML 38Page - Microchip Technology MCP2035 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 35
MCP2035
5.13.4
PULSE WIDTH TIMER
The Pulse Width Timer is used to verify that the
received output enable sequence meets both the
minimum TOEH and minimum TOEL requirements.
5.13.5
PERIOD TIMER
The Period Timer is used to verify that the received
output enable sequence meets the maximum TOET
requirement.
5.13.6
AGC INITIALIZATION TIMER (TAGC)
This timer is used to keep the output enable filter in
Reset while the AGC settles on the input signal. The
time-out period is approximately 3.5 ms. At the end of
this time (TAGC), the input should remain high (TPAGC),
otherwise the counting is aborted and a Soft Reset is
issued. See Figure 5-4 for details.
FIGURE 5-1:
Functional Block Diagram.
Note 1:
The device needs a continuous and
uninterrupted high input signal during
AGC initialization time (TAGC). Any
absence of signal during this time may
reset the timer and a new input signal is
needed for AGC settling time, or may
result in an improper AGC gain setting,
which will produce invalid output.
2:
The rest of the device section wakes
up if the input channel receives a sig-
nal with the AGC settling time cor-
rectly. STATUS Register 7 bit <2>
(Register 5-8) indicates the status if the
input channel wakes up.
Configuration
To Tuning Cap X
To Modulation
VSST
LCX
Transistors
Registers
VDDT
To Sensitivity X
AGC Preserve
Detector
CS
LFDATA/
SCLK/ALERT
External MCU
Command Decoder/Controller
Mod
Tune X
Output Enable
RF
Lim
32 kHZ
Oscillator
B
A
AGC
Sensitivity
Control X
Filter
AGC
Timer
RSSI
CCLK/SDIO
÷ 64
Watchdog
WAKEX
LCCOM
Modulation Depth
LCY (Note 1)
LCZ
(Note 1)
Note 1: LCY and LCZ pads are internally grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com