Electronic Components Datasheet Search
  English  ▼

X  

MCP2035 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 38Page - Microchip Technology MCP2035 Datasheet HTML 39Page - Microchip Technology MCP2035 Datasheet HTML 40Page - Microchip Technology MCP2035 Datasheet HTML 41Page - Microchip Technology MCP2035 Datasheet HTML 42Page - Microchip Technology MCP2035 Datasheet HTML 43Page - Microchip Technology MCP2035 Datasheet HTML 44Page - Microchip Technology MCP2035 Datasheet HTML 45Page - Microchip Technology MCP2035 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
MCP2035
DS22304A-page 42
 2012 Microchip Technology Inc.
5.25
Factory Calibration
The device is calibrated during probe test to reduce the
device-to-device variation in standby current, internal
timing and sensitivity, as well as channel-to-channel
sensitivity variation.
5.26
De-Q’ing of Antenna Circuit
When the transponder is close to the Base Station, the
transponder coil may develop coil voltage higher than
VDE_Q. This condition is called “near field”. The device
detects the strong near field signal through the AGC
control, and de-Q’ing the antenna circuit to reduce the
input signal amplitude.
5.27
Demodulator
The demodulator recovers the modulation data from
the received signal, containing carrier plus data, by
appropriate envelope detection. The demodulator has
a fast rise (charge) time (TDR) and a fall time (TDF)
appropriate to an envelope of input signal (see
Section 1.0 “Electrical Specifications”
for TDR and
TDF specifications). The demodulator contains the
full-wave rectifier, low-pass filter, peak detector and
data slicer.
FIGURE 5-6:
Demodulator Charge and Discharge.
5.28
Power-On Reset
This circuit remains in a Reset state until a sufficient
supply voltage is applied. The Reset releases when the
supply is sufficient for correct device operation,
nominally VPOR.
The Configuration registers are all cleared on a
Power-on Reset. As the Configuration registers are
protected by odd row and column parity, the ALERT pin
will be pulled down – indicating to the external micro-
controller section that the configuration memory is
cleared and requires new programming.
5.29
LFDATA Output Selection
The device output is available only when the input
channel
is
enabled
(LCXEN
=
Enabled
in
Configuration Register 0).
The LFDATA output can be configured to pass the
Demodulator output, Received Signal Strength Indi-
cator (RSSI) output, or Carrier Clock (CCLK). See
Configuration Register 1 (Register 5-2) for more
details.
5.29.1
DEMODULATOR OUTPUT
The demodulator output is the default configuration of
the output selection. This is the output of an envelope
detection circuit. See Figure 5-6 for the demodulator
output.
When the demodulated output is selected, the output is
available in two different conditions depending on how
the options of Configuration Register 0 (Register 5-1)
are set: Output Enable Filter is disabled or enabled.
See Section 2.0 “Typical Performance Curves” for
various demodulated data output.
Related Configuration register bits:
• Configuration Register 1 (Register 5-2),
DATOUT <8:7>:
bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
01
: RSSI Output
• Configuration Register 0 (Register 5-1): all bits
Full-wave Rectifier output
Input at LC input pin
Demodulated LFDATA output
TDR
TDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com