Electronic Components Datasheet Search
  English  ▼

X  

MCP2035 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 60Page - Microchip Technology MCP2035 Datasheet HTML 61Page - Microchip Technology MCP2035 Datasheet HTML 62Page - Microchip Technology MCP2035 Datasheet HTML 63Page - Microchip Technology MCP2035 Datasheet HTML 64Page - Microchip Technology MCP2035 Datasheet HTML 65Page - Microchip Technology MCP2035 Datasheet HTML 66Page - Microchip Technology MCP2035 Datasheet HTML 67Page - Microchip Technology MCP2035 Datasheet HTML 68Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
 2012 Microchip Technology Inc.
DS20000A-page 65
MCP2035
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2035: Single-Channel Stand-Alone Analog
Front-end (AFE)
Temperature Range:
I=
-40
C to +85C (Industrial)
Package:
ST
=
Plastic Shrink Small outline (4.4 mm) -
(TSSOP)
Examples:
a)
MCP2035-I/ST:
Industrial Temperature,
14LD TSSOP Package
b)
MCP2035T-I/ST:
Tape and Reel,
Industrial Temperature,
14LD TSSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com