Electronic Components Datasheet Search
  English  ▼

X  

MCP2035 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 41Page - Microchip Technology MCP2035 Datasheet HTML 42Page - Microchip Technology MCP2035 Datasheet HTML 43Page - Microchip Technology MCP2035 Datasheet HTML 44Page - Microchip Technology MCP2035 Datasheet HTML 45Page - Microchip Technology MCP2035 Datasheet HTML 46Page - Microchip Technology MCP2035 Datasheet HTML 47Page - Microchip Technology MCP2035 Datasheet HTML 48Page - Microchip Technology MCP2035 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 45
MCP2035
FIGURE 5-9:
Power-Up Sequence.
FIGURE 5-10:
SPI Write Sequence.
CS
SCLK/ALERT
LFDATA/CCLK/SDIO
ALERT
LFDATA
(output)
(open collector
output)
CS
SCLK/ALERT
LFDATA/CCLK/SDIO
TSU THD
TCSSC
TSCCS
THI
TLO
1/FSCLK
TCS1
TCSH
TCS0
ALERT
LFDATA
SDI
(output)
(input)
(output)
SCLK
(input)
ALERT
(output)
LFDATA
(output)
16 Clocks for Write Command, Address and Data
1
2
3
4
5
6
7
MCU SPI Write Details:
1.
Drive the open collector ALERT output low
•
To ensure no false clocks occur when CS drops
2.
Drop CS
•
SCLK/ALERT becomes SCLK input
•
LFDATA/CCLK/SDIO becomes SDI input
3.
Change LFDATA/CCLK/SDIO connected pin to output
•
Driving SPI data
4.
Clock in 16-bit SPI Write sequence – command, address, data and parity bit
•
Command, address, data and parity bit
5.
Change LFDATA/CCLK/SDIO connected pin to input
6.
Raise CS to complete the SPI Write
7.
Change SCLK/ALERT back to input
LSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com