Electronic Components Datasheet Search
  English  ▼

X  

MCP2035 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 50Page - Microchip Technology MCP2035 Datasheet HTML 51Page - Microchip Technology MCP2035 Datasheet HTML 52Page - Microchip Technology MCP2035 Datasheet HTML 53Page - Microchip Technology MCP2035 Datasheet HTML 54Page - Microchip Technology MCP2035 Datasheet HTML 55Page - Microchip Technology MCP2035 Datasheet HTML 56Page - Microchip Technology MCP2035 Datasheet HTML 57Page - Microchip Technology MCP2035 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
MCP2035
DS22304A-page 54
 2012 Microchip Technology Inc.
REGISTER 5-6:
CONFIGURATION REGISTER 5 (ADDRESS: 0101)
R/W-0
0
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AGCSIG
MODMIN1
MODMIN0
0
0
0
0R5PAR
bit7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
Recommended to write
‘0’: This bit has no effect in the MCP2035.
bit 7
AGCSIG
: Demodulator Output Enable bit, after the AGC loop is active
1
= Enabled – No output until AGC is regulating at around 20 mVPP at input pin. The AGC Active Sta-
tus bit is set when the AGC begins regulating.
0
= Disabled – The device passes signal of any level it is capable of detecting
bit 6-5
MODMIN<1:0>
: Minimum Modulation Depth bit
00
= 33%
01
= 60%
10
= 14%
11
= 8%
bit 4-1
Recommended to all 0’s. (Note 1)
bit 0
R5PAR
: Register 5 Parity bit – set or cleared (1 or 0) so the 9-bit register contains odd parity – an odd
number of set bits. An incorrect parity bit may draw unnecessary extra current.
Note 1:
These bits are associated to the internally grounded LCZ sensitivity control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com