Electronic Components Datasheet Search
  English  ▼

X  

MCP1711 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1711 Datasheet HTML 1Page - Microchip Technology MCP1711 Datasheet HTML 2Page - Microchip Technology MCP1711 Datasheet HTML 3Page - Microchip Technology MCP1711 Datasheet HTML 4Page - Microchip Technology MCP1711 Datasheet HTML 5Page - Microchip Technology MCP1711 Datasheet HTML 6Page - Microchip Technology MCP1711 Datasheet HTML 7Page - Microchip Technology MCP1711 Datasheet HTML 8Page - Microchip Technology MCP1711 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP1711
DS20005415C-page 4
 2015-2016 Microchip Technology Inc.
Output Voltage
Temperature Stability
VOUT/
(
T x VOUT)
—
±50
—
ppm/°C IOUT = 10 mA
-40°C
 TA  +85°C
Current Limit
ILIMIT
150
270
—
mA
VOUT = 0.95 x VR
Output Short-Circuit
Foldback Current
IOUT_SC
—80
—
mA
VOUT = GND
COUT Auto-Discharge
Resistance
RDCHG
280
450
640
SHDN = GND
VOUT = VR
Noise
en
—
30
—
µV(rms) CIN = COUT = 1 µF, IOUT = 50
mA, f = 10 Hz to 100 kHz
Shutdown Input
SHDN Logic High Input
Voltage
VSHDN-HIGH
0.91
—
6.00
V
SHDN Logic Low Input
Voltage
VSHDN-LOW
0
—
0.38
V
SHDN High-Level Current
ISHDN-HIGH
-0.1
—
+0.1
µA
VIN = 6.0V
SHDN Low-Level Current
ISHDN-LOW
-0.1
—
+0.1
µA
VIN = 6.0V
SHDN = GND
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VSHDN = VIN, IOUT = 1 mA, CIN = COUT = 0 µF, VIN = 3.5V for
VR < 2.5V and VIN = VR + 1V for VR  2.5V, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: The dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below the output voltage value that was measured with an applied input voltage of VIN = VR + 1V.
2: VDROP1, VDROP2: Dropout Voltage (Refer to the DC Characteristics Voltage Table).
DC CHARACTERISTICS VOLTAGE TABLE
Nominal
Output
Voltage
Output Voltage (V)
Dropout Voltage (V)
VOUT
VDROP1
VDROP1
VDROP2
VDROP2
VR (V)
Min.
Max.
Typ.
Max.
Typ.
Max.
1.2
1.1800
1.2200
0.87
1.23
1.41
1.93
1.8
1.7800
1.8200
0.47
0.72
0.99
1.40
2.2
2.1780
2.2220
0.31
0.47
0.75
1.05
2.5
2.4750
2.5250
0.26
0.40
0.67
0.92
3.0
2.9700
3.0300
0.17
0.26
0.50
0.67
3.3
3.2670
3.3330
0.17
0.26
0.50
0.67
5.0
4.9500
5.0500
0.10
0.16
0.32
0.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com