Electronic Components Datasheet Search
  English  ▼

X  

MCP1711 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1711 Datasheet HTML 1Page - Microchip Technology MCP1711 Datasheet HTML 2Page - Microchip Technology MCP1711 Datasheet HTML 3Page - Microchip Technology MCP1711 Datasheet HTML 4Page - Microchip Technology MCP1711 Datasheet HTML 5Page - Microchip Technology MCP1711 Datasheet HTML 6Page - Microchip Technology MCP1711 Datasheet HTML 7Page - Microchip Technology MCP1711 Datasheet HTML 8Page - Microchip Technology MCP1711 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005415C-page 1
MCP1711
Features
• Low Quiescent Current: 600 nA
• Input Voltage Range: 1.4V to 6.0V
• Standard Output Voltages: 1.2V, 1.8V, 1.9V, 2.2V,
2.5V, 3.0V, 3.3V, 5.0V
• Output Accuracy: ±20 mV for 1.2V and 1.8V
Options and ±1% for VR > 2.0V
• Temperature Stability: ±50 ppm/°C
• Maximum Output Current: 150 mA
• Low ON Resistance: 3.3
 @ VR = 3.0V
• Standby Current: 10 nA
• Protection Circuits: Current Limiter, Short Circuit,
Foldback
• SHDN Pin Function: ON/OFF Logic = Enable
High
•COUT Discharge Circuit when SHDN Function is
Active
• Output Capacitor: Low Equivalent Series
Resistance (ESR) Ceramic, Capacitorless
Compatible
• Operating Temperature: -40°C to +85°C
(Industrial)
• Available Packages:
- 4-Lead 1 x 1 mm UQFN
- 5-Lead SOT-23
• Environmentally Friendly: EU RoHS Compliant,
Lead-Free
Applications
• Energy Harvesting
• Long-Life, Battery-Powered Applications
• Portable Electronics
• Ultra-Low Consumption “Green” Products
• Mobile Devices/Terminals
• Wireless LAN
• Modules (Wireless, Cameras)
Related Literature
• AN765, Using Microchip’s Micropower LDOs
(DS00765), Microchip Technology Inc.
• AN766, Pin-Compatible CMOS Upgrades to
Bipolar LDOs (DS00766),
Microchip Technology Inc.
• AN792, A Method to Determine How Much Power
a SOT23 Can Dissipate in an Application
(DS00792), Microchip Technology Inc.
General Description
The MCP1711 is a highly accurate CMOS low dropout
(LDO) voltage regulator that can deliver up to 150 mA
of current while consuming only 0.6 µA of quiescent
current (typical). The input operating range is specified
from 1.4V to 6.0V, making it an ideal choice for mobile
applications and one-cell Li-Ion powered applications.
The MCP1711 is capable of delivering 150 mA output
current with only 0.32V (typical) for VR = 5.0V, and
1.41V (typical) for VR = 1.2V of input-to-output voltages
differential. The output voltage accuracy of the
MCP1711 is typically ± 0.02V for VR < 2.0V and ±1% for
VR > 2.0V at +25°C. The temperature stability is
approximately ±50 ppm/°C. Line regulation is
±0.01%/V typical at +25°C.
The output voltages available for the MCP1711 range
from 1.2V to 5.0V. The LDO output is stable even if an
output capacitor is not connected, due to an excellent
internal phase compensation. However, for better tran-
sient responses, the output capacitor should be added.
The MCP1711 is compatible with low ESR ceramic
output capacitors.
Overcurrent limit and short-circuit protection embed-
ded into the device provide a robust solution for any
application.
The MCP1711 has a true current foldback feature.
When the load decreases beyond the MCP1711 load
rating, the output current and output voltage will
foldback toward 80 mA (typical) at approximately 0V
output. When the load impedance increases and
returns to the rated load, the MCP1711 will follow the
same foldback curve as the device comes out of
current foldback.
If the device is in Shutdown mode, by inputting a
low-level signal to the SHDN pin, the current
consumption is reduced to less than 0.1 µA (typically
0.01 µA). In Shutdown mode, if the output capacitor is
used, it will be discharged via the internal dedicated
switch and, as a result, the output voltage quickly
returns to 0V.
The package options for the MCP1711 are the 4-lead
1 x 1 mm UQFN and the 5-lead SOT-23, which make
the device ideal for small and compact applications.
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator


Similar Part No. - MCP1711

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-15I/LZ MICROCHIP-MCP1710T-15I/LZ Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
More results

Similar Description - MCP1711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com