Electronic Components Datasheet Search
  English  ▼

X  

MCP1711 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1711 Datasheet HTML 4Page - Microchip Technology MCP1711 Datasheet HTML 5Page - Microchip Technology MCP1711 Datasheet HTML 6Page - Microchip Technology MCP1711 Datasheet HTML 7Page - Microchip Technology MCP1711 Datasheet HTML 8Page - Microchip Technology MCP1711 Datasheet HTML 9Page - Microchip Technology MCP1711 Datasheet HTML 10Page - Microchip Technology MCP1711 Datasheet HTML 11Page - Microchip Technology MCP1711 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP1711
DS20005415C-page 8
 2015-2016 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.5V for VR < 2.5V or VIN = VR + 1V for VR  2.5V, IOUT = 1 mA,
CIN =COUT =0µF, VSHDN = VIN, TA = +25°C.
FIGURE 2-13:
Start-Up from VIN.
FIGURE 2-14:
Start-Up from VIN.
FIGURE 2-15:
Start-Up from VIN.
FIGURE 2-16:
Start-Up from VIN.
FIGURE 2-17:
Start-Up from SHDN.
FIGURE 2-18:
Start-Up from SHDN.
0V
3.5V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 0.5V/Div)
IOUT = 10 mA
IOUT = 100 mA
IOUT = 150 mA
VR = 1.2V
CIN = COUT =1 µF
VIN
VOUT
0V
3.5V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 1V/Div)
IOUT = 10 mA
IOUT = 100 mA
IOUT = 150 mA
VR = 1.8V
CIN = COUT =1 µF
VIN
VOUT
0V
4.3V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 1V/Div)
IOUT = 10 mA
IOUT = 100 mA
IOUT = 150 mA
VR = 3.3V
CIN = COUT =1 µF
VIN
VOUT
0V
6.0 V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 2V/Div)
IOUT = 10 mA
IOUT = 100 mA
IOUT = 150 mA
VR = 5.0V
CIN = COUT =1 µF
VIN
IOUT
0V
3.5V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 0.5V/Div)
VR = 1.2V
IOUT = 1 µA
IOUT = 10 mA
IOUT = 150 mA
EN
VOUT
0V
3.5V
tr = 5 µs
Time = 80 µs/Div
VOUT (DC Coupled, 1V/Div)
VR = 1.8V
IOUT = 1 µA
IOUT = 10 mA
IOUT = 150 mA
SHDN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com