Electronic Components Datasheet Search
  English  ▼

X  

MCP1711 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1711 Datasheet HTML 15Page - Microchip Technology MCP1711 Datasheet HTML 16Page - Microchip Technology MCP1711 Datasheet HTML 17Page - Microchip Technology MCP1711 Datasheet HTML 18Page - Microchip Technology MCP1711 Datasheet HTML 19Page - Microchip Technology MCP1711 Datasheet HTML 20Page - Microchip Technology MCP1711 Datasheet HTML 21Page - Microchip Technology MCP1711 Datasheet HTML 22Page - Microchip Technology MCP1711 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005415C-page 19
MCP1711
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Unregulated Input Voltage (VIN)
Connect the VIN pin to the output of the unregulated
source voltage. Like all low dropout linear regulators,
low-source impedance is necessary for ensuring stable
operation of the LDO. The amount of capacitance
required to ensure low-source impedance will depend
on the proximity of the input source capacitors or bat-
tery type. For most applications, 0.1 µF of capacitance
will ensure stable operation of the LDO circuit. If the
output capacitor is used, the input capacitor should
have a capacitance value equal to or greater than the
output capacitor for performance applications.
The input capacitor will supply the load current during
transients and improve performance. For applications
that have low load currents, the input capacitance
requirement can be lowered.
The type of capacitor used may be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and Power Supply
Rejection
Ratio
(PSRR)
performance
at
high
frequency.
3.2
Ground Terminal (GND)
This is the regulator ground. Tie GND to the negative
side of the output capacitor (if used) and to the negative
side of the input capacitor. Only the LDO bias current
flows out of this pin, so there is no high current. The
LDO output regulation is referenced to this pin. Mini-
mize voltage drops between this pin and the negative
side of the load. If a PCB ground plane is not used, min-
imize the length of the trace between the GND pin and
the ground line.
3.3
Shutdown Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off.
When the SHDN input is at logic High level, the LDO
output voltage is enabled. When the SHDN pin is pulled
to a logic Low level, the LDO output voltage is disabled.
When the SHDN pin is pulled low, the VOUT pin is
pulled down to the ground level via, parallel to the feed-
back resistors (R1 and R2), and the COUT discharge
resistance (RDCHG).
The output voltage becomes unstable when the SHDN
pin is left floating.
3.4
Not Connected Pin (NC)
The SOT-23 package has a pin that is not con-
nected.This pin should be either left floating or tied to
the ground plane.
3.5
Regulated Output Voltage (VOUT)
Connect the VOUT pin to the positive side of the load
and to the positive side of the output capacitor (if used).
The positive side of the output capacitor should be
physically located as close as possible to the LDO
VOUT pin. The current flowing out of this pin is equal to
the DC load current.
3.6
Exposed Thermal Pad (EP)
The 4-lead 1 x 1 UQFN package has an exposed metal
pad on the bottom of the package. The exposed metal
pad gives the device better thermal characteristics by
providing a good thermal path to either a PCB isolated
plane or a PCB ground plane. The exposed pad of the
package is not internally connected to GND.
TABLE 3-1:
PIN FUNCTION TABLE
MCP1711
1X1 UQFN
MCP1711
SOT-23
Symbol
Description
41
VIN
Unregulated Input Supply Voltage
2
2
GND
Ground Terminal
3
3
SHDN
Shutdown Input
—
4
NC
Not Connected (SOT-23 only)
15
VOUT
Regulated Voltage Output
5
—
EP
Exposed Thermal Pad (1x1 UQFN only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com