Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
26
6.18 Basic Mode Control Register
(Offset 0062h-0063h, R/W)
Bit
Name
Description/Usage
Default/
Attribute
15
Reset
This bit sets the status and control registers of the PHY(register
0062-0074H) in a default state. This bit is self-clearing. 1 = software
reset; 0 = normal operation.
0, RW
14
-
Reserved
-
13
Spd_Set
This bit sets the network speed. 1 = 100Mbps; 0 = 10Mbps. This bit‘s
initial value comes from 93C46 (93C56).
0, RW
12
Auto Negotiation
Enable
(ANE)
This bit enables/disables the NWay auto-negotiation function. Set to
1 to enable auto-negotiation, bit13 will be ignored.
Set to 0 disables auto-negotiation, bit13 and bit8 will determine the
link speed and the data transfer mode, respectively. This bit‘s initial
value comes from 93C46 (93C56).
0, RW
11-10
-
Reserved
-
9
Restart Auto
Negotiation
This bit allows the NWay auto-negotiation function to be reset.
1 = re-start auto-negotiation; 0 = normal operation.
0, RW
8
Duplex Mode
This bit sets the duplex mode. 1 = full-duplex; 0 = normal operation.
This bit‘s initial value comes from 93C46 (93C56).
If bit12 = 1, read = status write = register value.
If bit12 = 0, read = write = register value.
0, RW
7-0
-
Reserved
-
6.19 Basic Mode Status Register
(Offset 0064h-0065h, R)
Bit
Name
Description/Usage
Default/ Attribute
15
100Base-T4
1 = enable 100Base-T4 support; 0 = suppress 100Base-T4 support.
0, RO
14
100Base_TX_ FD 1 = enable 100Base-TX full duplex support;
0 = suppress 100Base-TX full duplex support.
1, RO
13
100BASE_TX_H
D
1 = enable 100Base-TX half-duplex support;
0 = suppress 100Base-TX half-duplex support.
1, RO
12
10Base_T_FD
1 = enable 10Base-T full duplex support;
0 = suppress 10Base-T full duplex support.
1, RO
11
10_Base_T_HD
1 = enable 10Base-T half-duplex support;
0 = suppress 10Base-T half-duplex support.
1, RO
10-6
-
Reserved
-
5
Auto Negotiation
Complete
1 = auto-negotiation process completed;
0 = auto-negotiation process not completed.
0, RO
4
Remote Fault
1 = remote fault condition detected (cleared on read);
0 = no remote fault condition detected.
0, RO
3
Auto Negotiation 1 = Link had not been experienced fail state.
0 = Link had been experienced fail state
1, RD
2
Link Status
1 = valid link established;
0 = no valid link established.
0, RO
1
Jabber Detect
1 = jabber condition detected; 0 = no jabber condition detected.
0, RO
0
Extended
Capability
1 = extended register capability;
0 = basic register capability only.
1, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com