Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTL8139 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
2
1. Features
128 pin QFP/LQFP
Integrated Fast Ethernet MAC, Physical chip and
transceiver in one chip
10 Mb/s and 100 Mb/s operation
Supports
10
Mb/s
and
100
Mb/s
N-way
Auto-negotiation operation
PCI local bus single-chip Fast Ethernet controller
Compliant to PCI Revision 2.2
Supports PCI clock 16.75MHz-40MHz
Supports PCI target fast back-to-back transaction
Provides PCI bus master data transfers and PCI memory
space or I/O space mapped data transfers of
RTL8139C(L)'s operational registers
Supports PCI VPD (Vital Product Data)
Supports ACPI, PCI power management
Supports CardBus. The CIS can be stored in 93C56 or
expansion ROM
Supports up to 128K bytes Boot ROM interface for both
EPROM and Flash memory
Supports 25MHz crystal or 25MHz OSC as the internal
clock source. The frequency deviation of either crystal or
OSC must be within 50 PPM.
Compliant to PC99 standard
Supports Wake-On-LAN function and remote wake-up
(Magic Packet*, LinkChg and Microsoft® wake-up
frame)
Supports 4 Wake-On-LAN (WOL) signals (active high,
active low, positive pulse, and negative pulse)
Supports auxiliary power-on internal reset, to be ready
for remote wake-up when main power still remains off
Supports auxiliary power auto-detect, and sets the
related capability of power management registers in PCI
configuration space.
Includes a programmable, PCI burst size and early
Tx/Rx threshold.
Supports a 32-bit general-purpose timer with the
external PCI clock as clock source, to generate
timer-interrupt
Contains two large (2Kbyte) independent receive and
transmit FIFO’s
Advanced power saving mode when LAN function or
wakeup function is not used
Uses
93C46 (64*16-bit EEPROM) or 93C56
(128*16-bit EEPROM) to store resource configuration,
ID parameter, and VPD data. The 93C56 can also be
used to store the CIS data structure for CardBus
application.
Supports LED pins for various network activity
indications
Supports digital and analog loopback capability on both
ports
Half/Full duplex capability
Supports Full Duplex Flow Control (IEEE 802.3x)
3.3V power supply with 5V tolerant I/Os.
* Third-party brands and names are the property of their
respective owners.
Note: The model number of the QFP package is RTL8139C. The LQFP package model number is RTL8139CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com