Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
12
00D8h
R/W
Config5
Configuration Register 5
00D9h-00EFh
-
-
Reserved
00F0h-00F3h
R/W
FER
Function Event Register (Cardbus only)
00F4h-00F7h
R/W
FEMR
Function Event Mask Register (CardBus only)
00F8h-00FBh
R
FPSR
Function Present State Register (CardBus only)
00FCh-00FFh
W
FFER
Function Force Event Register (CardBus only)
6.1 Receive Status Register in Rx packet header
Bit
R/W
Symbol
Description
15
R
MAR
Multicast Address Received: This bit set to 1 indicates that a multicast
packet is received.
14
R
PAM
Physical Address Matched: This bit set to 1 indicates that the destination
address of this packet matches the value written in ID registers.
13
R
BAR
Broadcast Address Received: This bit set to 1 indicates that a broadcast
packet is received. BAR, MAR bit will not be set simultaneously.
12-6
-
-
Reserved
5
R
ISE
Invalid Symbol Error: (100BASE-TX only) This bit set to 1 indicates
that an invalid symbol was encountered during the reception of this packet.
4
R
RUNT
Runt Packet Received: This bit set to 1 indicates that the received packet
length is smaller than 64 bytes ( i.e. media header + data + CRC < 64
bytes )
3
R
LONG
Long Packet: This bit set to 1 indicates that the size of the received
packet exceeds 4k bytes.
2
R
CRC
CRC Error: When set, indicates that a CRC error occurred on the
received packet.
1
R
FAE
Frame Alignment Error: When set, indicates that a frame alignment
error occurred on this received packet.
0
R
ROK
Receive OK: When set, indicates that a good packet is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com