Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
13
6.2 Transmit Status Register
(TSD0-3)(Offset 0010h-001Fh, R/W)
The read-only bits (CRS, TABT, OWC, CDH, NCC3-0, TOK, TUN) will be cleared by the RTL8139C(L) when the Transmit
Byte Count (bit12-0) in the corresponding Tx descriptor is written. It is not affected when software writes to these bits. These
registers are only permitted to write by double-word access. After a software reset, all bits except the OWN bit are reset to “0”.
Bit
R/W
Symbol
Description
31
R
CRS
Carrier Sense Lost: This bit is set to 1 when the carrier is lost during
transmission of a packet.
30
R
TABT
Transmit Abort: This bit is set to 1 if the transmission of a packet was
aborted. This bit is read only, writing to this bit is not affected.
29
R
OWC
Out of Window Collision: This bit is set to 1 if the RTL8139C(L)
encountered an "out of window" collision during the transmission of a
packet.
28
R
CDH
CD Heart Beat: The same as RTL8139(A/B).
This bit is cleared in the 100 Mbps mode.
27-24
R
NCC3-0
Number of Collision Count: Indicates the number of collisions
encountered during the transmission of a packet.
23-22
-
-
Reserved
21-16
R/W
ERTXTH5-0
Early Tx Threshold: Specifies the threshold level in the Tx FIFO to
begin the transmission. When the byte count of the data in the Tx FIFO
reaches this level, (or the FIFO contains at least one complete packet)
the RTL8139C(L) will transmit this packet.
000000 = 8 bytes
These fields count from 000001 to 111111 in unit of 32 bytes.
This threshold must be avoided from exceeding 2K byte.
15
R
TOK
Transmit OK: Set to 1 indicates that the transmission of a packet was
completed successfully and no transmit underrun occurs.
14
R
TUN
Transmit FIFO Underrun: Set to 1 if the Tx FIFO was exhausted
during the transmission of a packet. The RTL8139C(L) can re-transfer
data if the Tx FIFO underruns and can also transmit the packet to the
wire successfully even though the Tx FIFO underruns. That is, when
TSD<TUN>=1, TSD<TOK>=0 and ISR<TOK>=1 (or ISR<TER>=1).
13
R/W
OWN
OWN: The RTL8139C(L) sets this bit to 1 when the Tx DMA
operation of this descriptor was completed. The driver must set this bit
to 0 when the Transmit Byte Count (bit0-12) is written. The default
value is 1.
12-0
R/W
SIZE
Descriptor Size: The total size in bytes of the data in this descriptor. If
the packet length is more than 1792 byte (0700h), the Tx queue will be
invalid, i.e. the next descriptor will be written only after the OWN bit of
that long packet's descriptor has been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com